Electronic Components Datasheet Search
  English  ▼

X  

MA28140 Datasheet(PDF) 49 Page - Dynex Semiconductor

Part # MA28140
Description  Packet Telecommand Decoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28140 Datasheet(HTML) 49 Page - Dynex Semiconductor

Back Button MA28140 Datasheet HTML 45Page - Dynex Semiconductor MA28140 Datasheet HTML 46Page - Dynex Semiconductor MA28140 Datasheet HTML 47Page - Dynex Semiconductor MA28140 Datasheet HTML 48Page - Dynex Semiconductor MA28140 Datasheet HTML 49Page - Dynex Semiconductor MA28140 Datasheet HTML 50Page - Dynex Semiconductor MA28140 Datasheet HTML 51Page - Dynex Semiconductor MA28140 Datasheet HTML 52Page - Dynex Semiconductor MA28140 Datasheet HTML 53Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
MA28140
49/72
Channel Active
Data Stream
Clock
Transponder
Interface
PTD
RF
Physical Interface
Transponder
: TCA
TIMING
De scription
min
typ
max
Ttc1 *
TCA high to first TCC rising
4 Tck
Ttc2 *
Last TCC falling to TCA low
4 Tck
Ttcclk
TCC period
20
µs
Ttc setup
TCS setup to TCC falling
0 ns
Ttc hold
TCS hold after TCC falling
4 Tck
* NOTE: if the required timing is not fulfilled on Ttc1 and Ttc2, there is a risk of loss of the first or last bits.
Table 12: Physical Interface Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com