Electronic Components Datasheet Search
  English  ▼

X  

MA28140 Datasheet(PDF) 34 Page - Dynex Semiconductor

Part # MA28140
Description  Packet Telecommand Decoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28140 Datasheet(HTML) 34 Page - Dynex Semiconductor

Back Button MA28140 Datasheet HTML 30Page - Dynex Semiconductor MA28140 Datasheet HTML 31Page - Dynex Semiconductor MA28140 Datasheet HTML 32Page - Dynex Semiconductor MA28140 Datasheet HTML 33Page - Dynex Semiconductor MA28140 Datasheet HTML 34Page - Dynex Semiconductor MA28140 Datasheet HTML 35Page - Dynex Semiconductor MA28140 Datasheet HTML 36Page - Dynex Semiconductor MA28140 Datasheet HTML 37Page - Dynex Semiconductor MA28140 Datasheet HTML 38Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
MA28140
34/72
When CPDUS is asserted, the pointer for reading out data
with FAR1S is reset to the first octet of the FAR. The samples
CPDUS and FAR1S should be activated as described in
Figure 16 to fetch the 128 bits of status words. The first 16 bits
are those of the CPDU status word, to be acquired by asserting
the CPDUS signal line. The next 32 bits are those of the FAR
status word, to be acquired by signalling on the FAR1S signal
line (2 x 16 bits). The last 80 bits are those of the AU status
word, to be acquired by additional assertions (5 x 16 bits) of the
FAR1S signal line. It is possible to read out only the first 48 bits
(CPDU and FAR), e.g. if the AU is not used.
FAR1S, AU1S and AU2S do not have any impact in this
mode, but should be connected to VDD.
octet (all bits set to 0) on the 8 LSB. For example, if the TC
segment to be output is (hexadecimal) AABBCC, the first word
read is AABB and the second one is CC00.
After a PCSN assertion, the PRDY output is activated
when the data is available on the PBUS output. The PRDY is
released when the PCSN signal is deasserted. The PRDY
signal will not be asserted if PCSN is asserted and PAD = 000
(MAP segment read) when MAPDSR is inactive. When PCSN
is deasserted the PBUS bus is tristated. The MAP status word
can be read at any time. The access to this word is identical to
the telemetry status word accesses as described in Figure 18.
It contains the following information:
• PBUS<0>: MAPDSR information (identical to MAP data
set ready signal line).
• PBUS<1>: ODD/EVEN segment length information
(Odd: 1, Even: 0).
• PBUS<15..2>: not used (value : 00000000000000).
NOTE: only TC segments appearing on MAP 1 to 62 and
on MAP 63 when AU is disabled, can be read out using this
parallel interface. MAP 0 is not affected by this parallel
interface since it is directly connected to the CPDU. The
telemetry status word is read as described in Figure 18.
The CLCW status word is read using one read cycle where
PAD = 010.
The CPDU status word is read using one read cycle where
PAD = 001.
The FAR status words are read with two read cycles:
• One read cycle with PAD = 100 for the first 16 bits
(FAR1)
• One read cycle with PAD = 101 for the last 16 bits
(FAR2).
The AU status words are read using five read cycles:
• One read cycle with PAD = 110 for the first 16 bits (AU1)
• Four read cycles with PAD = 111 for the last 64 bits
(AU2): bits 16-31, bits 32-47, bits 48-63 and bits
64-79.
When the AU1 Status report is read, the pointer for reading
out data with AU2 is reset to the second octet of the AU report.
The Status of Survey bit is set when FAR2 is read. The
following pins have no influence in parallel mode:
• MAPDTR (should be connected to VSS),
• CLCWSA, CLCWCA (should be connected to VDD),
• AU2S (should be connected to VDD),
• TMC (should be connected to VDD),
• TMMOD (should be connected to VSS),
The reports and TC segments cannot be read out in an
arbitrary order. The following constraints apply: A FAR2 read
out shall not be separated from the previous FAR1 read out by
AU1 or AU2 read out. An AU2 read out shall not be separated
from a previous AU1 or a previous AU2 read out by FAR1 or
FAR2 read out.
5.4 PARALLEL INTERFACE
A parallel interface is provided on the PTD to access the
TC segment and the four reporting words: CLCW, CPDUS,
FAR and AUS. The parallel mode is selected with the PAR
configuration pin of the PTD (the parallel mode is selected
when PAR is set to 1). The parallel interface is implemented
with the following signals:
• PCSN: parallel bus chip select input,
• PAD<2..0>: parallel address bus (input),
• PRDY: data validation output,
• PBUS<15..0>: parallel data bus (output),
• MAPDSR: MAP data set ready output,
• MAPADT: MAP aborted data transfer output.
The PCSN, PAD2, PAD1 and PAD0 signal lines use
respectively the CPDUS, FAR1S, FAR2S and AU1S input pins
of the serial interface. The application acquires the TC
segment and the four reporting words by read cycles. The
addressing of these words is as follows:
When the AU1 status is read, the pointer for reading out
data with AU2S is reset. The MAP TC segment is read as
described in Figure 17.
A TC segment is read by consecutive accesses to <000>.
Data read when MAPDSR is not asserted is not valid. The TC
segment data octet of even rank is output on the 8 MSB of
PBUS (the first octet is 00 and therefore even). The TC
segment data octet of odd rank is output on the 8 LSB of
PBUS. In the case of a TC segment with an odd number of
octets, the last 16 bits word output on PBUS contains the last
TC segment data octet on the 8 MSB and a non significant
PAD2
PAD1
PAD0
read word
0
0
0
MAP segment
0
0
1
CPDU status
0
1
0
CLCW status
0
1
1
MAP status
1
0
0
FAR1 status
1
0
1
FAR2 status
1
1
0
AU1 status
1
1
1
AU2 status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com