Electronic Components Datasheet Search
  English  ▼

X  

MA28140 Datasheet(PDF) 56 Page - Dynex Semiconductor

Part # MA28140
Description  Packet Telecommand Decoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28140 Datasheet(HTML) 56 Page - Dynex Semiconductor

Back Button MA28140 Datasheet HTML 52Page - Dynex Semiconductor MA28140 Datasheet HTML 53Page - Dynex Semiconductor MA28140 Datasheet HTML 54Page - Dynex Semiconductor MA28140 Datasheet HTML 55Page - Dynex Semiconductor MA28140 Datasheet HTML 56Page - Dynex Semiconductor MA28140 Datasheet HTML 57Page - Dynex Semiconductor MA28140 Datasheet HTML 58Page - Dynex Semiconductor MA28140 Datasheet HTML 59Page - Dynex Semiconductor MA28140 Datasheet HTML 60Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
MA28140
56/72
FAR1S
FAR2S
TMC
TMD
PTD
APPLICATION
Telemetry
System
FAR Status Report Serial Interface
Timing
De scription
Min
Typ
Max
Tfar1 (1)
FARS falling to TMC falling
16 Tck
Tfar2
TMC high pulse width between octets
2 Tck
Tfar3
TMC setup to FARS
0 ns
Tfar4
FAR1S rising to FAR2S falling
2 Tck
Tfar5
FAR2S rising to FAR1S falling
4 Tck
Tfar6 (1)
FARS falling to TMD valid (bit 0)
15 Tck
Ttmch
TMC high pulse width
Tck
Ttmcl
TMC low pulse width
Tck
Ttmc
TMC period
4 Tck
Tfarout
TMC falling to TMD valid
1 Tck
2 Tck
Note (1): These timings are guaranteed when there is no request for the local bus through the BRQN input.
In addition when using slow memories, the local memory accesses may be delayed by using the LACK
input of duration d
L (defined by the user). In this case Tfar1 and Tfar6 become Tfar1+2dL and Tfar6+2dL.
Table 17: FAR Status Report Serial Interface Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com