Electronic Components Datasheet Search
  English  ▼

X  

MA28140 Datasheet(PDF) 35 Page - Dynex Semiconductor

Part # MA28140
Description  Packet Telecommand Decoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28140 Datasheet(HTML) 35 Page - Dynex Semiconductor

Back Button MA28140 Datasheet HTML 31Page - Dynex Semiconductor MA28140 Datasheet HTML 32Page - Dynex Semiconductor MA28140 Datasheet HTML 33Page - Dynex Semiconductor MA28140 Datasheet HTML 34Page - Dynex Semiconductor MA28140 Datasheet HTML 35Page - Dynex Semiconductor MA28140 Datasheet HTML 36Page - Dynex Semiconductor MA28140 Datasheet HTML 37Page - Dynex Semiconductor MA28140 Datasheet HTML 38Page - Dynex Semiconductor MA28140 Datasheet HTML 39Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
MA28140
35/72
Figure 17: Parallel MAP Interface
Figure 18: Parallel Telemetry Read Cycle
For a 4 MHz clock, the duration D is 10.24 ms if
CPDUDIV=0 and 2.048 ms if CPDUDIV=1. The maximum
duration (=128xD) is about 1.31 s if CPDUDIV=0, and 262 ms
if CPDUDIV=1. The delay between the time at which the
packet has been declared Legal and the execution of the
command instruction (rising edge of CPDUEN) can be any
value between 0.5 D and 1.5 D. The duration between two
instructions placed one after the other in the same CPDU
packet (from falling edge to rising edge of CPDUEN)
corresponds to about D.
5.5 CPDU INTERFACE
This interface consists of 3 signal lines:
• CPDUSTN: CPDU address strobe output,
• CPDUEN: CPDU enable output,
• CPDUDIV: CPDU frequency divider input.
The CPDU interface provides the output signal CPDUSTN
in order to save the CPDU physical channel identifier present
on the local data bus LDAT<7..0> in an external latch (no
specific LADR address is associated with this data). This
CPDU identifier is used to demultiplex the command pulse
toward the selected CPDU output. The CPDUSTN signal can
be controlled by the LACK input. The CPDUEN signal is
representative of the command pulse as far as duration is
concerned. The pulse amplification should be made after
demultiplexing with external circuitry. The CPDUDIV signal
allows division of the pulse length specified in ref 2 by a factor
of 5, in order to get a better accuracy. Alternatively, this allows
the PTD to be used with a 1MHz clock frequency, instead of a
4 MHz clock.
Table 4: CPDU Pulse Lengths
COMMAND
PULSE LENGTH
(CLOCKS)
(CPUDIV=0)
PULSE LENGTH
(CLOCKS)
(CPUDIV= 1)
000
40961
8193
001
81921
16385
010
163841
32769
011
327681
65537
100
655361
131073
101
1310721
262145
110
2621441
524289
111
5242881
1048577



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com