Electronic Components Datasheet Search
  English  ▼

X  

MA28140 Datasheet(PDF) 39 Page - Dynex Semiconductor

Part # MA28140
Description  Packet Telecommand Decoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28140 Datasheet(HTML) 39 Page - Dynex Semiconductor

Back Button MA28140 Datasheet HTML 35Page - Dynex Semiconductor MA28140 Datasheet HTML 36Page - Dynex Semiconductor MA28140 Datasheet HTML 37Page - Dynex Semiconductor MA28140 Datasheet HTML 38Page - Dynex Semiconductor MA28140 Datasheet HTML 39Page - Dynex Semiconductor MA28140 Datasheet HTML 40Page - Dynex Semiconductor MA28140 Datasheet HTML 41Page - Dynex Semiconductor MA28140 Datasheet HTML 42Page - Dynex Semiconductor MA28140 Datasheet HTML 43Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
MA28140
39/72
Example
An example of ROM programming is given here for a fictitious spacecraft.
Note: In the following example 16# indicates hexadecimal, 10# indicates decimal, 2# indicates binary.
The value of the spacecraft ID is
: 16#301
The value of the virtual channel ID is
: 16#20
The value of the Application Process ID is
: 16#456
For the FARM-1 process, the values of PW and NW are
: 10#100 and 10#100
The Authenication MAP ID Pointer is
: 16#15
For the CPDU, the Application Process Identifier is
: 16#456
Frame Header octet 1 contains the following fields:
Version number
: 2#00 in accordance with ref 1
Bypass flag
: 0 or 1 (no influence): 0 for example
Control Comrnand flag
: 0 or 1 (no influence): 0 for example
Reserved field A
: 2#00 in accordance with ref 1
Spacecraft ID (2 MSBs)
: 2#11
The value of the ROM at address 000 is: 16#03
Frame Header octet 2 contains the following field:
Spacecraft ID (8 LSBs)
: 2#00000001
The value of the ROM at address 001 is: 16#01
Frame Header octet 3 contains the following fields:
Virtual Channel ID
: 2#100000
Reserved field B
: 2#00 in accordance with ref 1
The value of the ROM at address 002 is: 16#80
Note 3: These 3 octets contain all the fields of the Frame Header including reserved bits and version
bits. Bypass and Control flags (in Frame Header octet 1) form the only field that is not a fixed value:
the value of these 2 bits in ROM has no influence on the PTD operation (default value = 00).
Note 4: In order to facilitate the implementation of the FARM Sliding Window Concept in the PTD,
the values stored in the ROM are not PW and NW but:
- PW' = PW - 1
- NW' = 256 - NW
The PW' and NW' numbers can be any value between 0 and 255.
Note 5: Bits 7 and 6 are not used.
Note 6: These 2 octets contain all the field of the Packet Header including version and type bits.
Note 7: The Knapsack key mapping is given in Figure 9. Address 200 contains the least significant
octet of the first Knapsack coefficient W0. Address 201 contains octet 1 of the first Knapsack
coefficient W0, (see example below).
Note 8: The Hashing key mapping is given in Figure 9. Address 368 contains the 4 LSBs of the
Hashing key stored at the right of the memory octet in the reverse order. Address 369 contains the 8
following bits in the reverse order. Caution: if the Hashing key is read bit by bit starting from the
MSB, the memory must be filled from right to left, (see example below).
Table 6: ROM Mapping
RO M
S tart Addre ss
E nd Addre ss
Frame Header octet 1 (see note 3)
000
000
Frame Header octet 2 (see note 3)
001
001
Frame Header octet 3 (see note 3)
002
002
FARM PW' = PW - 1 (see note 4)
003
003
FARM NW' = 256 - NW (see note 4)
004
004
Authenticated MAP ID pointer (see note 5)
005
005
CPDU Packet Header octet 1 and 2 (see note 6)
006
007
Free
008
0FF
MAP frequency table defined in section 5.2
100
13F
Free
140
1FF
Fixed key - Knapsack (see note 7)
200
367
Fixed key - Hashing (see note 8)
368
36F
Free
370
3FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com