Electronic Components Datasheet Search
  English  ▼

X  

MIC2230 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2230
Description  Dual Synchronous DC/DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2230 Datasheet HTML 1Page - Micrel Semiconductor MIC2230 Datasheet HTML 2Page - Micrel Semiconductor MIC2230 Datasheet HTML 3Page - Micrel Semiconductor MIC2230 Datasheet HTML 4Page - Micrel Semiconductor MIC2230 Datasheet HTML 5Page - Micrel Semiconductor MIC2230 Datasheet HTML 6Page - Micrel Semiconductor MIC2230 Datasheet HTML 7Page - Micrel Semiconductor MIC2230 Datasheet HTML 8Page - Micrel Semiconductor MIC2230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
MIC2230
April 2010
5
M9999-040810-C
Electrical Characteristics (cont.)
(4)
Parameter
Condition
Min
Typ
Max
Units
Protection
Current Limit
Peak Switch Current, VOUT = 0V
0.9
1.2
1.8
A
Control
Maximum Duty Cycle
VFB = 0.7V
100
%
Oscillator
PWM Mode Frequency
2.125
2.5
2.875
MHz
Power Good
Power Good Reset
Threshold
Upper Threshold
Lower Threshold
-14
6.25
-8.5
12
%
PGOOD Series
Resistance
1
1.4
kΩ
PGOOD Pull-Up Current
Output within 8.5% of regulation
5
µA
Power Switch
Switch On-Resistance
ISW = 150mA (PFET)
ISW = 150mA (NFET)
0.4
0.35
Ω
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com