Electronic Components Datasheet Search
  English  ▼

X  

MIC2230 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2230
Description  Dual Synchronous DC/DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2230 Datasheet HTML 6Page - Micrel Semiconductor MIC2230 Datasheet HTML 7Page - Micrel Semiconductor MIC2230 Datasheet HTML 8Page - Micrel Semiconductor MIC2230 Datasheet HTML 9Page - Micrel Semiconductor MIC2230 Datasheet HTML 10Page - Micrel Semiconductor MIC2230 Datasheet HTML 11Page - Micrel Semiconductor MIC2230 Datasheet HTML 12Page - Micrel Semiconductor MIC2230 Datasheet HTML 13Page - Micrel Semiconductor MIC2230 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Micrel, Inc.
MIC2230
April 2010
10
M9999-040810-C
Functional Block Diagram
Functional Description
VIN
VIN provides power to the MOSFETs for the switch
mode regulator section, along with the current limiting
sensing. Due to the high switching speeds, a 10µF
capacitor is recommended close to VIN and the power
ground (PGND) pin for bypassing. Please refer to layout
recommendations.
AVIN
Analog VIN (AVIN) provides power to the analog supply
circuitry. AVIN and VIN must be tied together. Careful
layout should be considered to ensure high frequency
switching noise caused by VIN is reduced before
reaching AVIN. A 1µF capacitor as close to AVIN as
possible is recommended. See layout recommendations
for detail.
EN1
Enable 1 controls the on and off state of regulator 1. A
high logic on Enable 1 (EN1) activates regulator 1 while
a low logic deactivates regulator 1. MIC2230 features
built-in soft-start circuitry that reduces in-rush current
and prevents the output voltage from overshooting at
start up.
EN2
Enable 2 controls the on and off state of regulator 2. A
high logic on Enable 2 (EN2) activates regulator 2 while
a low logic deactivates regulator 2. MIC2230 features
built-in soft-start circuitry that reduces in-rush current
and prevents the output voltage from overshooting at
start up.
/FPWM
The Forced PWM Mode selects the mode of operation
for this device. Grounding this pin forces the device to
stay in constant frequency PWM mode only. Pulling this
pin high enables automatic selection of Trickle or PWM
mode operation, depending on the load. While /FPWM is
high and the load is below 100mA, the device will go into
Trickle Mode™. If the load is above 100mA, PWM mode
will automatically be selected. Do not leave this pin
floating.
PGOOD
The Power Good Output is pulled down unless the
regulator 1 output voltage is within +6.25% or -8.5% of
regulation. When the output voltage is in regulation, the
PGOOD capacitor will be charged to AVIN by an internal
5
μA current source through a 1kΩ resistor. The charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com