Electronic Components Datasheet Search
  English  ▼

X  

MIC2230 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2230
Description  Dual Synchronous DC/DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2230 Datasheet HTML 1Page - Micrel Semiconductor MIC2230 Datasheet HTML 2Page - Micrel Semiconductor MIC2230 Datasheet HTML 3Page - Micrel Semiconductor MIC2230 Datasheet HTML 4Page - Micrel Semiconductor MIC2230 Datasheet HTML 5Page - Micrel Semiconductor MIC2230 Datasheet HTML 6Page - Micrel Semiconductor MIC2230 Datasheet HTML 7Page - Micrel Semiconductor MIC2230 Datasheet HTML 8Page - Micrel Semiconductor MIC2230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC2230
April 2010
4
M9999-040810-C
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................+6V
Enable 1 Voltage ………………………………………... +6V
Enable 2 Voltage ……………………………………….. +6V
Logic Input Voltage (VEN, VFPWM)............................ 0V to VIN
Storage Temperature (TS) ........................–65°C to +150°C
ESD .............................................................................. 2KV
Operating Ratings
(2)
Supply Voltage (VIN) ........................................ 2.5V to 5.5V
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance (
θJA)..........................60°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VEN1 = VEN2 =3.6V, VOUT1, VOUT2, L= 2.2µH, C = 10µF, unless otherwise specified. Bold values indicate –40ºC ≤ TJ
≤ +125ºC.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage and Current
Supply Voltage Range
2.5
5.5
V
UVLO (rising)
2.3
2.4
2.5
V
UVLO Hysteresis
100
mV
PWM Mode Supply
Current
/FPWM = Low; VOUT1, VOUT2= 1.03 * VNOM (not switching)
560
950
µA
Trickle Mode
TM Supply
Current
/FPWM = High; VOUT1, VOUT2= 1.03 * VNOM (not switching)
28
50
µA
Shutdown Quiescent
Current
VEN = 0V
0.1
1
µA
Output Voltage Accuracy
Feedback voltage, VFB
Adjustable
0.780
0.8
0.820
V
Output voltage, VOUT
Fixed Output Options
-2.5
+2.5
%
Feedback bias current
10
nA
Output Voltage Line
Regulation
2.5V
≤ VIN ≤ 5.5V
0.1
0.5
%
Output Voltage Load
Regulation
VIN = 5V, IOUT = 10mA to 800mA, /FPWM = 0V
VIN = 3V; IOUT = 10mA to 800mA, /FPWM = 0V
0.5
%
Ripple in Trickle Mode
TM
VIN=3.6V; IOUT = 1mA; COUT = 10µF, L = 2.2µH.
40
mV
Logic Inputs
On
0.8
1.2
V
EN Input Threshold
Off
0.3
0.7
V
EN Input Current
0.01
1
µA
On
0.6×VIN
V
/FPWM Input Threshold
Off
0.3×VIN
V
/FPWM Input Current
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com