Electronic Components Datasheet Search
  English  ▼

X  

MIC2230 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2230
Description  Dual Synchronous DC/DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2230 Datasheet HTML 1Page - Micrel Semiconductor MIC2230 Datasheet HTML 2Page - Micrel Semiconductor MIC2230 Datasheet HTML 3Page - Micrel Semiconductor MIC2230 Datasheet HTML 4Page - Micrel Semiconductor MIC2230 Datasheet HTML 5Page - Micrel Semiconductor MIC2230 Datasheet HTML 6Page - Micrel Semiconductor MIC2230 Datasheet HTML 7Page - Micrel Semiconductor MIC2230 Datasheet HTML 8Page - Micrel Semiconductor MIC2230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC2230
Dual Synchronous 800mA/800mA
Step-Down DC/DC Regulator
MLF and MicroLead Frame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2010
M9999-040810-C
General Description
The MIC2230 is dual output, high-efficiency synchronous
step-down DC/DC converter. The MIC2230 is ideally
suited for portable systems which demand high power
conversion efficiencies and fast transient performance,
while offered in a very small package. The MIC2230 offers
an ultra-low quiescent current in light load mode assuring
minimum current draw from battery powered applications
in standby modes. The MIC2230 was designed to only
require miniature 2.2µH inductors and 10µF ceramic
capacitors.
The MIC2230 features a selectable mode that allows the
user to trade-off lowest noise performance for low power
efficiency. Trickle Mode
TM operation provides ultra-high
efficiency at light loads, while PWM operation provides
very low ripple noise performance. To maximize battery life
in low-dropout conditions, MIC2230 can operate with a
maximum duty cycle of 100%.
The MIC2230 is available in a space-saving 3mm × 3mm
MLF
®-12L package with a junction temperature range from
–40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• High Efficiency: Over 96%
• Ultra-low quiescent current: Only 28µA
• Ultra-low shutdown current less than 1µA
• Fast transient performance
• 2.5MHz PWM operation
• High output current capability per channel: 800mA
• No Schottky Diodes Required
• Stable with 2.2µH inductor, 10µF ceramic capacitor
• Adjustable output voltage down to 0.8V
• Built-in soft-start circuitry
• Current limit protection
• Automatic switching into light load mode operation
• /FPWM pin allows low noise all-PWM mode operation
• Power good output with internal 5µA current source
allows sequencing with programmable delay time
• Small Thermally Enhanced 3mm × 3mm MLF® package
Applications
• Cellular phones
• PDAs
• Digital Cameras
• MP3 Players
• PC Cards
• Wireless and DSL Modems
___________________________________________________________________________________________________________
Typical Application


Similar Part No. - MIC2230

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2230-521YML MICREL-MIC2230-521YML Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2230-AAYML MICREL-MIC2230-AAYML Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2230-G4YML MICREL-MIC2230-G4YML Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2230-GF9YML MICREL-MIC2230-GF9YML Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2230-GFHYML MICREL-MIC2230-GFHYML Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results

Similar Description - MIC2230

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
logo
Semtech Corporation
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Shenzhen Huazhimei Semi...
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
Synchronous Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com