Electronic Components Datasheet Search
  English  ▼

X  

MIC2230 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2230
Description  Dual Synchronous DC/DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2230 Datasheet HTML 1Page - Micrel Semiconductor MIC2230 Datasheet HTML 2Page - Micrel Semiconductor MIC2230 Datasheet HTML 3Page - Micrel Semiconductor MIC2230 Datasheet HTML 4Page - Micrel Semiconductor MIC2230 Datasheet HTML 5Page - Micrel Semiconductor MIC2230 Datasheet HTML 6Page - Micrel Semiconductor MIC2230 Datasheet HTML 7Page - Micrel Semiconductor MIC2230 Datasheet HTML 8Page - Micrel Semiconductor MIC2230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC2230
April 2010
2
M9999-040810-C
Ordering Information
Part Number
VOUT1
VOUT2
Junction
Temperature Range
Package
Lead Finish
MIC2230-AAYML
Adj.
Adj.
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-521YML
1.28V
1.65V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-G4YML
1.8V
1.2V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-GF9YML
1.8V
1.545V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-GFHYML
1.8V
1.575V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-GSYML
1.8V
3.3V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-GWYML
1.8V
1.6V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-J4YML
2.5V
1.2V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-S4YML
3.3V
1.2V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
MIC2230-SSYML
3.3V
3.3V
–40
°C to +125°C
12-Pin 3mm x 3mm MLF
®
Pb-Free
Note:
Other voltages available. Contact Micrel Marketing for details.
Pin Configuration
Adjustable
MIC2230-AAYML
12-Pin MLF
® (ML)
(Top View)
Fixed
MIC2230-xxYML
12-Pin MLF
® (ML)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com