Electronic Components Datasheet Search
  English  ▼

X  

MIC2230 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2230
Description  Dual Synchronous DC/DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2230 Datasheet HTML 10Page - Micrel Semiconductor MIC2230 Datasheet HTML 11Page - Micrel Semiconductor MIC2230 Datasheet HTML 12Page - Micrel Semiconductor MIC2230 Datasheet HTML 13Page - Micrel Semiconductor MIC2230 Datasheet HTML 14Page - Micrel Semiconductor MIC2230 Datasheet HTML 15Page - Micrel Semiconductor MIC2230 Datasheet HTML 16Page - Micrel Semiconductor MIC2230 Datasheet HTML 17Page - Micrel Semiconductor MIC2230 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Micrel, Inc.
MIC2230
April 2010
14
M9999-040810-C
MIC2230 Adjustable Option (1.8V, 1.8V)
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
C1
C1608X5R0J106K
TDK
10µF Ceramic Capacitor, 6.3V, X5R, Size 0603
1
C2
C1005X5R0J105K
TDK
1µF Ceramic Capacitor, 6.3V, X5R, Size 0402
1
C3
C0603Y391KXXA
Vishay
390pF Ceramic Capacitor, 25V, X7R, Size 0603
1
C4, C7
0603ZD106MAT
AVX
10µF Ceramic Capacitor, 6.3V, X5R, Size 0603
2
C5, C6
VJ0603A220KXXAT
Vishay
22pF Ceramic Capacitor, 25V, NPO, Size 0603
2
CDRH2D11/HPNP-2R2NC
Sumida
2.2µH, 1.1A ISAT., 120mΩ, (1.2mm × 3.2mm × 3.2mm)
LQH43CN2R2M03
Murata
2.2µH, 900mA ISAT., 110mΩ, (2.6mm × 3.2mm × 4.5mm)
L1, L2
EPL2014-222MLB
Coilcraft
2.2µH, 1.3A ISAT., 120mΩ, (1.4mm x 1.8mm x 2.0mm)
2
R2, R4
CRCW06034423FT1
Vishay
442kΩ, 1%, Size 0603
2
R1, R3
CRCW06035493FT1
Vishay
549kΩ, 1%, Size 0603
2
U1
MIC2230-AAYML
Micrel
2.5MHz Dual Phase PWM Buck Regulator
1
1. TDK: www.tdk.com
2. Murata: www.murata.com
3. Sumida: www.sumida.com
4. Vishay-Dale: www.vishay.com
5. AVX: www.avx.com
6. Micrel, Inc: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com