Electronic Components Datasheet Search
  English  ▼

X  

MIC2230 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2230
Description  Dual Synchronous DC/DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2230 Datasheet HTML 7Page - Micrel Semiconductor MIC2230 Datasheet HTML 8Page - Micrel Semiconductor MIC2230 Datasheet HTML 9Page - Micrel Semiconductor MIC2230 Datasheet HTML 10Page - Micrel Semiconductor MIC2230 Datasheet HTML 11Page - Micrel Semiconductor MIC2230 Datasheet HTML 12Page - Micrel Semiconductor MIC2230 Datasheet HTML 13Page - Micrel Semiconductor MIC2230 Datasheet HTML 14Page - Micrel Semiconductor MIC2230 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Micrel, Inc.
MIC2230
April 2010
11
M9999-040810-C
time is approximately 1µs per 1pF of capacitance. For
example, a 390pF capacitor at the PGOOD pin will
cause the PGOOD pin voltage to rise from low to high in
around 390µs. A PGOOD capacitor is recommended to
prevent large output voltage transients from triggering
the PGOOD flag unexpectedly.
Figure 1. Power Good Circuit
FB1/FB2
The feedback pin (FB) provides the control path to
control the output. For adjustable versions, a resistor
divider connecting the feedback to the output is used to
adjust the desired output voltage. The output voltage is
calculated as follows:
VOUT = VREF ×
R1
R2
+1
⎛
⎝
⎜
⎞
⎠
⎟
where VREF is equal to 0.8V.
A feedforward capacitor is recommended for most
designs using the adjustable output voltage option. To
reduce battery current draw, a 100kΩ feedback resistor
is recommended for use from the output to the FB pin
(R1). Also, a feedforward capacitor should be connected
between the output and feedback (across R1). The large
resistor value and the parasitic capacitance of the FB pin
can cause a high frequency pole that can reduce the
overall system phase margin. By placing a feedforward
capacitor, these effects can be significantly reduced.
Refer to the Feedback section for recommended
feedforward capacitor values.
SW1/SW2
The switch (SW) pin connects directly to the inductor
and provides the switching current necessary to operate
in PWM mode. Due to the high speed switching on this
pin, the switch node should be routed away from
sensitive nodes.
PGND
Power ground (PGND) is the ground path for the high
current PWM mode. The current loop for the power
ground should be as small as possible and separate
from the Analog ground (AGND) loop. Refer to the layout
considerations for more details.
AGND
Signal ground (AGND) is the ground path for the biasing
and control circuitry. The current loop for the signal
ground should be separate from the Power ground
(PGND) loop. Refer to the layout considerations for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com