Electronic Components Datasheet Search
  English  ▼

X  

EM73P362 Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM73P362 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
CONTR
CONTR
CONTR
CONTR
CONTROL OF HIGH SPEED COUNTER
OL OF HIGH SPEED COUNTER
OL OF HIGH SPEED COUNTER
OL OF HIGH SPEED COUNTER
OL OF HIGH SPEED COUNTER
The high speed counter is controlled by the command registers (P17, P18) :
P17
3
2
1
0
Initial value : 0000
MODE
RATE
MODE
Selection of HTC mode
0 0
Disable HTC
0 1
Melody mode
1 0
Auto load timer mode
1 1
Resistor to frequency oscillation mode
RATE
Internal pulse rate / Counter start request frequency
( Hz )
Resistor to frequency
Auto load timer mode / Melody
oscillation mode
mode internal pulse rate
0 0
XIN / 210
XIN / 20
0 1
XIN / 212
XIN / 22
1 0
XIN / 214
XIN / 24
1 1
XIN / 215
XIN / 26
P18
3
2
1
0
Initial value : 0000
RFIP
RFIN
RFIP
Input frequency of RFO
RFIN
Selection of RFO Pin
0 0
FRF / 2
0 0
Normal I/O
0 1
FRF / 4
0 1
P4.0 (RX) for RFO
1 0
FRF / 8
1 0
P4.2 (RY) for RFO
1 1
FRF / 16
1 1
P4.3 (RZ) for RFO
P3 and P5 are the 8-bit binary counter registers of the HTC. P3 is lower nibble register and P5 is higher
nibble register.
P5
P3
3
2
1
0
3
2
1
0
Initial value : 0000 0000
Higher nibble register
Lower nibble register
The HTC consist of one auto-reload and presetable 8-bit binary counter, 12-bit general counter and clock
source selectors. The command register can select the internal clock pulse for the melody, auto load counter
and resistor to frequency oscillation modes. The HTC increases one at the rising edge of the clock pulses.
When the first rising edge occurs by the HTC enabled, the HTC starts counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com