Electronic Components Datasheet Search
  English  ▼

X  

EM73P362 Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM73P362 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 33Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 34Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 35Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 36Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 37Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 38Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
35
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
APPLICATION CIRCUIT (NORMAL MODE)
APPLICATION CIRCUIT (NORMAL MODE)
APPLICATION CIRCUIT (NORMAL MODE)
APPLICATION CIRCUIT (NORMAL MODE)
APPLICATION CIRCUIT (NORMAL MODE)
P0.0
P0.1
P0.2
P0.3
VPP
TONE
RESET
VSS
VA
VB
VEE
XOUT
XIN
20P
32.768KHz
X'tal osc type
0.1µF
0.1µF
SEG0~
SEG14
COM0~
COM2
LCD PANNEL
VBAT
VBAT
VDD
EM73P362
Buzzer
RESET
1.5V
20P
XOUT
XIN
RC osc type
0.1µF
P4.0(RX)
P4.2(RY)
P4.3(RZ)
P4.1(CS)
VEE2
RFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com