Electronic Components Datasheet Search
  English  ▼

X  

EM73P362 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM73P362 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
Pin name
Function
PIN type
P0(1,3)/WAKEUP1,3
2-bit input pins with STOP / IDLE releasing function
INPUT_H
mask option : wakeup enable, pull-up
wakeup enable, none
wakeup disable, pull-up
wakeup disable, pull-down
wakeup disable, none
In programming OTP mode :
P0.1/PGMB : program data to OTP cells for programming OTP
P0.3/DCLK : data in/out clock signal for programming OTP
P4.0(RX)/TONE
1-bit bidirection I/O pin or inverse sound effect output or
I/O_O
RF oscillation
mask option : TONE enable, push-pull, high current PMOS
TONE disable, open-drain(apply to RF oscillation)
TONE disable, push-pull, high current PMOS
TONE disable, push-pull, low current PMOS
P4.1(CS)
1-bit bidirection I/O pin or RF oscillation bias pin
I/O_X
mask option : open-drain(apply to RF oscillation)
push-pull, high current PMOS
push-pull, low current PMOS
In programming OTP mode :
P4.1/DIN : data input for programming OTP
P4.2(RY)
1-bit bidirection I/O pins or RF oscillation input pins
I/O_Y
mask option : open-drain(apply to RF oscillation)
push-pull, high current PMOS
push-pull, low current PMOS
In programming OTP mode :
P4.2/DOUT : data output for programming OTP
P4.3(RZ)
1-bit bidirection I/O pins or RF oscillation input pins
I/O_Y
mask option : open-drain(apply to RF oscillation)
push-pull, high current PMOS
push-pull, low current PMOS
P6(0..3)/SEG(23..26),
12-bit bidirection I/O pins are shared with LCD segment pin
I/O_O
P7(0..3)/SEG(19..22),
mask option : segment enable, open-drain
P8(0..3)/SEG(15..18)
segment disable, open-drain
segment disable, push-pull, high current PMOS
segment disable, push-pull, low current PMOS
BAT
Connect the capacitor for built-in low battery detector
TONE
Built-in tone generator output
VA, VB, VEE
Connect the capacitors for LCD bias voltage
VEE2
Used for LCD bias voltage
Connect to VDD
COM0 ~ COM2
LCD common output pins
SEG0 ~ SEG14
LCD segment output pins
VPP
In normal mode : No connection (Floating)
In programming OTP mode :
VPP : high voltage (12V) power source for programming OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com