Electronic Components Datasheet Search
  English  ▼

X  

EM73P362 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM73P362 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
CONTR
CONTR
CONTR
CONTR
CONTROL OF LCD DRIVER
OL OF LCD DRIVER
OL OF LCD DRIVER
OL OF LCD DRIVER
OL OF LCD DRIVER
The LCD driver control command register is P27. When LDC is 00, the LCD is disabled and changes the
duty only. When LDC is 01, the LCD is blanking, the COM pins are inactive and the SEG pins continuously
output the display data. When LDC is 11, the LCD driver enables, the power switch is turned on and it
cannot be turned off forever except the CPU is reseted or in the STOP operation mode. Users must enable
the LCD driver by self when the CPU is woke up.
P27
3
2
1
0
Initial value : 0000
LDC
DUTY
LDC LCD display control
DUTY
Driving method select
0 0
LCD display disable
0 0
Reserved
0 1
Blanking
0 1
1/3 duty ( 1/2 bias )
1 0
Reserved
1 0
1/2 duty ( 1/2 bias )
1 1
LCD display enable
1 1
Static
LCD driving methods
There are four kinds of driving methods can be selected by DUTY ( P27.0 ~ P27.1 ). The driving wave
forms of LCD driver are as below :
LCD DRIVER
LCD DRIVER
LCD DRIVER
LCD DRIVER
LCD DRIVER
EM73P362 can directly drive the liquid crystal display (LCD) and has 27 segment, 3 common output pins.
There are total 27 x 3 dots can be display. The VDD, VEE, VA, VB and VSS pins are the bias voltage
inputs of the LCD driver. The method of LCD programming is RAM mapping.
1/3 duty (1/2 bias)
SEG0
SEG0 - COM0
ON
SEG0 - COM1
OFF
Frame
COM1
COM2
COM0
Frame
1/2 duty (1/2 bias)
M
C
O
2
O
M
C
1
C
O
M
0
SEG0
SEG1
SEG2
:
Static
ON OFF
Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com