Electronic Components Datasheet Search
  English  ▼

X  

EM73P362 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM73P362 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
EM73P362 is an advanced single chip CMOS 4-bit one-time-programmable (OTP) micro-controller. It contains
3K-byte ROM, 52-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, one 12-bit timer for
the kernal function and one high speed counter. EM73P362 also contains 5 interrupt sources, 1 input port, 4
bidirection ports, built-in watch-dog-timer and LCD driver (27x3 to 15x3).
Except low-power consumption and high speed, EM73P362 has the STOP mode and IDLE mode operation for
power saving function.
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
• Operation voltage
: 1.3V to 1.8V. (clock frequency : 32K Hz)
• Clock source
: Single clock system for crystal, connect a external resistor or external clock
source, available by mask option.
• Instruction set
: 109 powerful instructions.
• Instruction cycle time
: Up to 122µs for 32 K Hz.
• ROM capacity
: 3072 x 8 bits.
• RAM capacity
: 52 x 4 bits.
• Input port
: 1 port (4-bit).
• Bidirection port
: 4 ports (P4, P6, P7, P8) are available by mask option. P4 is a high current port.
(P4.0 and TONE available by mask option. P4.1~P4.3 are shared with the input/
output of RFO.) P6, P7 and P8 are shared with SEG15-SEG26.
• 12-bit timer
: One 12-bit timer is programmable for timer.
• High speed counter
: The high speed counter includes one 8-bit high speed counter, one 12-bit general
counter and a resistor frequency oscillator. It has resistor to frequency oscillation
mode, melody mode and auto load timer mode.
• Built-in time base counter: 22 stages.
• Subrountine nesting
: Up to 13 levels.
• Interrupt
: External interrupt . . . . . . 2 input interrupt sources.
Internal interrupt . . . . . . 2 timer overflow interrupts,
1 time base interrupt.
• LCD driver
: 27x3 to 15x3 dots available by mask option. 1/3, 1/2 and static three kinds of duty
(1/2 bias) selectable. The programming method of LCD driver is RAM mapping.
• Built-in watch-dog-timer is available by mask option.
• Built-in low battery detector.
• Power saving function
: STOP mode and IDLE mode.
• Package type
: Chip form 50 pins.
QFP 52 pins (CQ).
QFP 100 pins (BQ).


Similar Part No. - EM73P362

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73P361A EMC-EM73P361A Datasheet
309Kb / 36P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73P361AAQ EMC-EM73P361AAQ Datasheet
309Kb / 36P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

Similar Description - EM73P362

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com