Electronic Components Datasheet Search
  English  ▼

X  

EM73P362 Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM73P362 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
TIMER FUNCTION
TIMER FUNCTION
TIMER FUNCTION
TIMER FUNCTION
TIMER FUNCTION
For timer mode, timerA increase one at any rising edge of internal pulse. User can choose 4 kinds of internal
pulse rate by setting IPSA for timerA.
When timerA counts overflow, TRGA will be generated to interrupt control unit.
PROGRAM EXAMPLE: To generate TRGA interrupt request after 60 ms with system clock XlN=32K Hz
LDIA
#0100B;
EXAE;
enable mask 2
EICIL 110111B; interrupt latch
←0, enable EI
LDIA
#04H;
STATAL;
LDIA
#0CH;
STATAM;
LDIA
#0FH;
STATAH;
LDIA
#1000B;
OUTA P28; enable timerA with internal pulse rate: XIN/25 Hz
NOTE:
The preset value of timer/counter register is calculated as following procedure.
Internal pulse rate: XIN/25 ; XIN = 32KHz
The time of timer counter count one = 25 /XIN = 32/32K=1ms
The number of internal pulse to get timer overflow = 60 ms/ 1ms = 60 = 03CH
The preset value of timer/counter register = 1000H - 03CH = 0FC4H
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
There are 3 internal interrupt sources and 2 external interrupt sources. Multiple interrupts are admitted
according the priority.
Type
Type
Type
Type
Type
Interrupt source
Interrupt source
Interrupt source
Interrupt source
Interrupt source
Priority
Priority
Priority
Priority
Priority
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Program ROM
Program ROM
Program ROM
Program ROM
Program ROM
Latch
Latch
Latch
Latch
Latch
Enable condition
Enable condition
Enable condition
Enable condition
Enable condition
entry address
entry address
entry address
entry address
entry address
External
External interrupt (INT0)
1
IL5
EI=1
002H
Internal
Reserved
2
IL4
EI=1,MASK3=1
004H
Internal
TimerA overflow interrupt (TRGA)
3
IL3
EI=1,MASK2=1
006H
Internal
TimerB overflow interrupt (TRGB)
4
IL2
EI=1,MASK1=1
008H
Internal
Time base interrupt(TBI)
5
IL1
00AH
External
External interrupt (INT1)
6
IL0
EI=1,MASK0=1
00CH
Internal pulse
TimerA value
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com