Electronic Components Datasheet Search
  English  ▼

X  

EM73P362 Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM73P362 Datasheet HTML 36Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 37Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 38Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 39Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 40Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 41Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 42Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 43Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 44Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
44
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
HR
H register
LR
L register
PC
Program counter
DP
Data pointer
SP
Stack pointer
STACK[SP]
Stack specified by SP
A
CC
Accumulator
FLAG
All flags
CF
Carry flag
ZF
Zero flag
SF
Status flag
GF
General flag
EI
Enable interrupt register
IL
Interrupt latch
MASK
Interrupt mask
PORT[p]
Port ( address : p )
ΤΑ
Timer/counter A
ΤΒ
Timer/counter B
RAM[HL]
Data memory (address : HL )
RAM[x]
Data memory (address : x )
ROM[DP]
L
Low 4-bit of program memory
ROM[DP]
H
High 4-bit of program memory
[DP]
L
Low 4-bit of data pointer register
[DP]
M
Middle 4-bit of data pointer register
[DP]
H
High 4-bit of data pointer register
[TA]
L([TB]L)
Low 4-bit of timer/counter A
(timer/counter B) register
[TA]
M([TB]M)
Middle 4-bit of timer/counter A
[TA]
H([TB]H)
High 4-bit of timer/counter A
(timer/counter B) register
(timer/counter B) register
←
Transfer
↔
Exchange
+
Addition
-
Substraction
&
Logic AND
Logic OR
^
Logic XOR
'
Inverse operation
.
Concatenation
#k
4-bit immediate data
x
8-bit RAM address
y
4-bit zero-page address
p
4-bit or 5-bit port address
b
Bit address
r
6-bit interrupt latch
PC
11-6
Bit 11 to 6 of program counter
LR 1-0
Contents of bit assigned by bit
a
5-0
Bit 5 to 0 of destination address for
1 to 0 of LR
branch instruction
LR
3-2
Bit 3 to 2 of LR
**** SYMBOL DESCRIPTION
**** SYMBOL DESCRIPTION
**** SYMBOL DESCRIPTION
**** SYMBOL DESCRIPTION
**** SYMBOL DESCRIPTION
Symbol
Symbol
Symbol
Symbol
Symbol
Description
Description
Description
Description
Description
Symbol
Symbol
Symbol
Symbol
Symbol
Description
Description
Description
Description
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com