Electronic Components Datasheet Search
  English  ▼

X  

EM83055H Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM83055H
Description  KEYBOARD ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83055H Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM83055H Datasheet HTML 4Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 5Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 6Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 7Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 8Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 9Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 10Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 11Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
* This specification are subject to be changed without notice.
8
9.25.2001
EM83055H
KEYBOARD ENCODER
Key
Make code
Break code
Key
Make code
Break code
U
1696
(2)
50
D0
I17
97
(
θ)52
D2
O18
98
(*)
37
B7
P19
99
(9)
49
C9
[({)
1A
9A
(6)
4D
CD
](})
1B
9B
(3)
51
D1
\( )@1
2B
AB
(DEL)
53
D3
CAPS
3A
BA
(-)
4A
CA
A
1E
9E
(+)
4E
CE
S
1F
9F
(ENTER)
E0 1C
E0 9C
D
20
A0
ESC
01
81
F21
A1
F1
3B
BB
G22
A2
F2
3C
BC
H23
A3
F3
3D
BD
J24
A4
F4
3E
BE
K25
A5
F5
3F
BF
L26
A6
F6
40
C0
;(:)
27
A7
F7
41
C1
'(")
28
A8
F8
42
C2
K42 @2
2B
AB
F9
43
C3
ENTER
1C
9C
F10
44
C4
SHIFT_L
2A
AA
F11
57
D7
K45 @2
56
D6
F12
58
D8
Z
2C
AC
SCROLL
46
C6
Key
Base Case,or Shift + Nun Lock
Shift Case @3
Num Lock
Make/Break
Make/Break
Make/Break
INS
E0 52 / E0 D2
E0 AA E0 52
E0 2A E0 52
/ E0 D2 E0 2A
/ E0 D2 E0 AA
DEL
E0 53 / E0 D3
E0 AA E0 53
E0 2A E0 53
/ E0 D3 E0 2A
/ E0 D3 E0 AA
LEFT
E0 4B / E0 CB
E0 AA E0 4B
E0 2A E0 4B
/ E0 CB E0 2A
/ E0 CB E0 AA
HOME
E0 47 / E0 C7
E0 AA E0 47
E0 2A E0 47
/ E0 C7 E0 2A
/ E0 C7 E0 AA
END
E0 4F / E0 CF
E0 AA E0 4F
E0 2A E0 4F
/ E0 CF E0 2A
/ E0 CF E0 AA
UP
E0 48 / E0 C8
E0 AA E0 48
E0 2A E0 48
/ E0 C8 E0 2A
/ E0 C8 E0 AA
DOWN
E0 50 / E0 D0
E0 AA E0 50
E0 2A E0 50
/ E0 D0 E0 2A
/ E0 D0 E0 AA
PAGE UP
E0 49 / E0 C9
E0 AA E0 49
E0 2A E0 49
/ E0 C9 E0 2A
/ E0 C9 E0 AA
PAGE
E0 51 / E0 D1
E0 AA E0 51
E0 2A E0 51
DOWN
/ E0 D1 E0 2A
/ E0 D1 E0 AA
RIGHT
E0 4D / ED CD
E0 AA E0 4D
E0 2A E0 4D
/ E0 CD E0 2A
/ E0 CD E0 AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com