Electronic Components Datasheet Search
  English  ▼

X  

EM83055H Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM83055H
Description  KEYBOARD ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83055H Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM83055H Datasheet HTML 14Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 15Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 16Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 17Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 18Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 19Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 20Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 21Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 22Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
* This specification are subject to be changed without notice.
EM83055H
KEYBOARD ENCODER
9.25.2001
APPLICATION CIRCUIT
SCROLL
LED
NUM
LED
CAPS
LED
R4
R3
R2
R1
R0
C2
VCC
P91
P92
P93
P94
P95
P50
P51
P52
P53
P54
6
7
8
9
10
11
12
13
14
15
36
35
34
33
32
31
30
29
28
27
NUM
SCROLL
P67
P66
P65
P64
P63
P62
P61
P60
EM83055H
DATA
C3
C4
C5
C7
C14
C6
C13
C12
C11
C15
C16
C17
C0
C9
C8
C10
R7
R6
R5
C1
CLK
51K
Turbo func.
Internal-
Multi Func. 2
Internal-
Multi Func. 1
VCC
R3
R
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com