Electronic Components Datasheet Search
  English  ▼

X  

EM83055H Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM83055H
Description  KEYBOARD ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83055H Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM83055H Datasheet HTML 6Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 7Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 8Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 9Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 10Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 11Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 12Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 13Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
* This specification are subject to be changed without notice.
10
9.25.2001
EM83055H
KEYBOARD ENCODER
Key
Make code
Break code
Key
Make code
Break code
CAPS
58
F0 58
(-)
7B
F0 7B
A
1C
F0 1C
(+)
79
F0 79
S
1B
F0 1B
(ENTER)
E0 5A
E0 F0 5A
D
23
F0 23
ESC
76
F0 76
F
2B
F0 2B
F1
05
F0 05
G
34
F0 34
F2
06
F0 06
H
33
F0 33
F3
04
F0 04
J
3B
F0 3B
F4
0C
F0 0C
K
42
F0 42
F5
03
F0 03
L
4B
F0 4B
F6
0B
F0 0B
;(:)
4C
F0 4C
F7
83
F0 83
'(")
52
F0 52
F8
0A
F0 0A
K42 @6
5D
F0 5D
F9
01
F0 01
ENTER
5A
F0 5A
F10
09
F0 09
SHIFFT_L
12
F0 12
F11
78
F0 78
K45 @6
61
F0 61
F12
07
F0 07
Z
1A
F0 1A
SCROLL
7E
F0 7E
Key
Base Case,or
Shift Case @7
Num Lock
Shift + Nun Lock
Make/Break
Make/Break
Make/Break
INS
E0 70 / E0 F0 70
E0 F0 12 E0 70
E0 12 E0 70
/ E0 F0 70 E0 12
/ E0 F0 70 E0 F0 12
DEL
E0 71 / E0 F0 71
E0 F0 12 E0 71
E0 12 E0 71
/ E0 F0 71 E0 12
/ E0 F0 71 E0 F0 12
LEFT
E0 6B / E0 F0 6B
E0 F0 12 E0 6B
E0 12 E0 6B
/ E0 F0 6B E0 12
/ E0 F0 6B E0 F0 12
HOME
E0 6C / E0 F0 6C
E0 F0 12 E0 6C
E0 12 E0 6C
/ E0 F0 6C E0 12
/ E0 F0 6C E0 F0 12
END
E0 69 / E0 F0 69
E0 F0 12 E0 69
E0 12 E0 69
/ E0 F0 69 E0 12
/ E0 F0 69 E0 F0 12
UP
E0 75 / E0 F0 75
E0 F0 12 E0 75
E0 12 E0 75
/ E0 F0 75 E0 12
/ E0 F0 75 E0 F0 12
DOWN
E0 72 / E0 F0 72
E0 F0 12 E0 72
E0 12 E0 72
/ E0 F0 72 E0 12
/ E0 F0 72 E0 F0 12
PAGE UP
E0 7D / E0 F0 7D
E0 F0 12 E0 7D
E0 12 E0 7D
/ E0 F0 7D E0 12
/ E0 F0 7D E0 F0 12
PAGE DOWN
E0 7A / E0 F0 7A
E0 F0 12 E0 7A
E0 12 E0 7A
/ E0 F0 7A E0 12
/ E0 F0 7A E0 F0 12
RIGHT
E0 74 / E0 F0 74
E0 F0 12 E0 74
E0 12 E0 74
/ E0 F0 74 E0 12
/ E0 F0 74 E0 F0 12
Key
Scan Code Make/Break
Shift Case Make/Break @7
(/)
E0 4A / E0 F0 4A
E0 F0 12 E0 4A / E0 F0 4A E0 12
Key
Scan Code
Ctrl Case, Shift Case
Alt Case
Make/Break
Make/ Break
Make/Break
PRINT
E0 12 E0 7C
E0 7C / E0 F0 7C
84 / F0 84
/ E0 F0 7C E0 F0 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com