Electronic Components Datasheet Search
  English  ▼

X  

EM83055H Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM83055H
Description  KEYBOARD ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83055H Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM83055H Datasheet HTML 1Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 2Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 3Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 4Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 5Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 6Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 7Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 8Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
* This specification are subject to be changed without notice.
2
9.25.2001
EM83055H
KEYBOARD ENCODER
PIN DESCRIPTIONS
Symbol
I/O
Function
P50
O
Column 3 Low output scan line, 3-state
P51
O
Column 4 Low output scan line, 3-state
P52
O
Column 5 Low output scan line, 3-state
P53
O
Column 6 Low output scan line, 3-state
P54
O
Column 7 Low output scan line, 3-state
P55
O
Column 14 Low output scan line, 3-state
P56
O
Column 13 Low output scan line, 3-state
P57
O
Column 12 Low output scan line, 3-state
P80
O
Column 11 Low output scan line, 3-state
P81
O
Column 15 Low output scan line, 3-state
P82
O
Column 10 Low output scan line, 3-state
P83
O
Column 8 Low output scan line, 3-state
P84
O
Column 9 Low output scan line, 3-state
P85
O
Column 0 Low output scan line, 3-state
P86
O
Column 16 Low output scan line, 3-state
P87
O
Column 17 Low output scan line, 3-state
P90
O
Column 1 Low output scan line, 3-state
P91
O
Column 2 Low output scan line, 3-state
VSS
I
Ground
SCROLL
O
Scroll Lock Indicator
NUM
O
NUM Lock Indicator
CAPS
O
Caps Lock Indicator
P60
I
Row 0 Input scan line, internal pull high ( 17K
Ω )
P61
I
Row 1 Input scan line, internal pull high ( 17K
Ω )
P62
I
Row 2 Input scan line, internal pull high ( 17K
Ω )
P63
I
Row 3 Input scan line, internal pull high ( 17K
Ω )
P64
I
Row 4 Input scan line, internal pull high ( 17K
Ω )
P65
I
Row 5 Input scan line, internal pull high ( 17K
Ω )
P66
I
Row 6 Input scan line, internal pull high ( 17K
Ω )
P67
I
Row 7 Input scan line, internal pull high ( 17K
Ω )
CLK
I/O
CLOCK line for IBM communication , internal pull high ( 2.2K
Ω )
DATA
I/O
DATA line for IBM communication , internal pull high ( 2.2K
Ω )
V
DD
I
+5V Power Supply
OSCO
O
CLOCK output
R_OSCI
I
Connect 51K OHM resistor for 1.8432 MHz oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com