Electronic Components Datasheet Search
  English  ▼

X  

EM83055H Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM83055H
Description  KEYBOARD ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83055H Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM83055H Datasheet HTML 1Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 2Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 3Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 4Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 5Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 6Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 7Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 8Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
* This specification are subject to be changed without notice.
EM83055H
KEYBOARD ENCODER
9.25.2001
GENERAL DESCRIPTION
The EM83055H microcontroller is dedicated to a keyboard encoder ,specially designed for IBM PC AT and
all compatible machines. The EM83055H controll all scan codes, three LEDs status, scan timing and communications
between the keyboard and PC. It is easy to implement a high performance, low cost keyboard with the minimal
external components.
FEATURES
• Low cost - eliminate need external components.
• Phantom key detects.
• RC oscillator ( 1.8432MHz ).
• Support scan code set 1 ,2 and 3.
• Support PC AT and PS/2 keyboard .
• Low power CMOS device technology.
• Internal pull-up resistor.
• Tri-state outputs for easy board application.
• Built-in 4K ROM.
• Support WINDOWSTM 95, 98, 2000, ME keys.
• 104/107 keys with multi-media or other special application keyboard encoder.
• WINDOWS is registered trademarks of Microsoft corperation.
APPLICATION
• IBM PC AT or compatible machine keyboard.
• IBM PS/2 model 30,50,60,80 or compatible machine keyboard.
• Japanese keyboard.
• Korean keyboard.
• Brazilian keyboard.
• European keyboard.
PIN ASSIGNMENTS
P91
P92
P93
P94
P95
P50
P51
P52
P53
P54
6
7
8
9
10
11
12
13
14
15
36
35
34
33
32
31
30
29
28
27
NUM
SCROLL
P67
P66
P65
P64
P63
P62
P61
P60
EM83055H


Similar Part No. - EM83055H

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053 EMC-EM83053 Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83053AH EMC-EM83053AH Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83053BH EMC-EM83053BH Datasheet
210Kb / 24P
KEYBOARD ENCODER
More results

Similar Description - EM83055H

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
Win98 Keyboard Encoder
February 16, 2000
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
List of Unclassifed Man...
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
Keyboard Encoder
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com