Electronic Components Datasheet Search
  English  ▼

X  

EM83055H Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM83055H
Description  KEYBOARD ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83055H Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM83055H Datasheet HTML 13Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 14Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 15Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 16Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 17Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 18Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 19Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 20Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
* This specification are subject to be changed without notice.
EM83055H
KEYBOARD ENCODER
9.25.2001
ABSOLUTE MAXIMUM RATINGS
Parameter
Sym.
Ratings
Supply Voltage
V
CC
-0.5V to +7V
Input Voltage
V
IN
-0.3V to +6V
Output Voltage
V
OUT
-0.3V to +6V
Temperature under bias
T
B
0
°C to 70°C
Storage temperature
T
S
-65
°C to 150°C
DC ELECTRICAL CHARACTERISTICS
Parameter
Sym.
Min. Typ.
Max.
Unit
Condition
Operating voltage
V
CC
4.5
5
5.5
V
Operating supply current
I
CCI
3
mA
Fosc=1.8432MHz
Input leakage
I
IN
±1
µAV
IN=VCC ,VSS
Input high voltage
V
IH
2.0
V
Input low voltage
V
IL
0.8
V
Output low voltage
V
OL1
0.4
V
I
OL1 = 3.0 mA
Output low voltage for LEDS
V
OL2
3.2
V
I
OL2 = 10 mA
Internal Pull-high resistance ( port 6,9 )
R
PH1
12
23
K
Ω
V
PH1 = 0V
Internal Pull-high resistance for
R
PH2
1.5
2.2
3
K
Ω
V
PH2 = 0V
DATA, CLK
Output low voltage for DATA CLK
V
OL3
0.4
V
I
OL3 = 5 mA
AC ELECTRICAL CHARACTERISTICS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Time from DATA transition to falling edge of CLK
T1
5
25
µS
Time from rising edge of CLK to DATA transition
T2
5
T4 - 5
µS
Duration of CLK inactive
T3
30
40
50
µS
Duration of CLK active
T4
30
40
50
µS
Time to auxiliary device inhibit after clock 11 to ensure
T5
50
µS
the auxiliary device does not start another transmission
Time from inactive to active CLK transition, used to time
T6
5
25
µS
when auxiliary device samples DATA
System clock
FCLK
1.843
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com