Electronic Components Datasheet Search
  English  ▼

X  

EM83055H Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM83055H
Description  KEYBOARD ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83055H Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM83055H Datasheet HTML 5Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 6Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 7Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 8Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 9Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 10Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 11Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 12Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
* This specification are subject to be changed without notice.
EM83055H
KEYBOARD ENCODER
9.25.2001
Key
Scan Code Make/Break
Shift Case Make/Break @3
(/)
E0 35 / E0 B5
E0 AA E0 35 / E0 B5 E0 2A
Key
Scan Code
Ctrl Case, Shift Case
Alt Case
Make/Break
Make/ Break
Make/Break
PRINT
E0 2A E0 37
E0 37 / E0 B7
54 / D4
/ E0 B7 E0 AA
Key
Make Code
Ctrl Key Pressed
PAUSE @4
E1 1D 45 E1 9D C5
E0 46 E0 C6
Note .
@1 : 101-key keyboard only.
@2 : 102-key keyboard only.
@3 : If the left Shift key is held down, the AA/2A shift make and break is sent with the other scan codes.
If the right Shift key is held down, B6/36 is sent. If both Shift keys are down, both sets of codes are
sent with the other scan code.
@4 : This key is not typematic. All associated scan codes occur on the make of the key.
scan code set 2
Key
Make code
Break code
Key
Make code
Break code
`(~)
0E
F0 0E
X
22
F0 22
1
16
F0 16
C
21
F0 21
2
1E
F0 1E
V
2A
F0 2A
3
26
F0 26
B
32
F0 32
4
25
F0 25
N
31
F0 31
5
2E
F0 2E
M
3A
F0 3A
6
36
F0 36
,(<)
41
F0 41
7
3D
F0 3D
.(>)
49
F0 49
8
3E
F0 3E
/(?)
4A
F0 4A
9
46
F0 46
SHIFT_R
59
F0 59
0
45
F0 45
CTRL_L
14
F0 14
-(-)
4E
F0 4E
ALT_L
11
F0 11
=(+)
55
F0 55
SPACE
29
F0 29
BACK SPACE
66
F0 66
ALT_R
E0 11
E0 F0 11
TAB
0D
F0 0D
CTRL_R
E0 14
E0 F0 14
Q
15
F0 15
NUM
77
F0 77
W
1D
F0 1D
(7)
6C
F0 6C
E
24
F0 24
(4)
6B
F0 6B
R
2D
F0 2D
(1)
69
F0 69
T
2C
F0 2C
(8)
75
F0 75
Y
35
F0 35
(5)
73
F0 73
U
3C
F0 3C
(2)
72
F0 72
I
43
F0 43
(0)
70
F0 70
O
44
F0 44
(*)
7C
F0 7C
P
4D
F0 4D
(9)
7D
F0 7D
[({)
54
F0 54
(6)
74
F0 74
](})
5B
F0 5B
(3)
7A
F0 7A
\( )@5
5D
F0 5D
(DEL)
71
F0 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com