Electronic Components Datasheet Search
  English  ▼

X  

GXAM06 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GXAM06
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM06 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GXAM06 Datasheet HTML 6Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 7Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 8Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 9Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 10Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 11Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 12Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 13Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
143
MICROTEMP
® thermal cutoffs, available in a variety of standard and custom configurations, pro-
vide reliable one-shot, over-temperature protection in a wide range of applications. Performance
can be affected by installation method and proper location of the thermal cutoff. Both application
and installation are important in the overall performance of the product, and thorough testing is
necessary for both AC and DC applications. The following guidelines will answer most questions
concerning these two subjects.
Application of Thermal Cutoffs
A thermal measurement procedure that utilizes a “dummy” thermal cutoff can assist in determining
the appropriate calibration temperature and design location of MICROTEMP
® thermal cutoffs. The
dummy matches the electrical characteristics of the thermal cutoff but does not have thermally
responsive parts. The dummy is supplied with a thermocouple attached to the case of the thermal
cutoff (see figure 8).
Figure 8
View of required thermocouple attachment before soldering
Dummy cutoffs can be supplied with Type J, Type T or Type K thermocouples. Other thermocouple
types can usually be supplied upon request at a nominal charge.
Location
Sufficient time and effort must be used to determine the proper and most desirable location for a
thermal cutoff. The employment of infrared thermography, or a sufficient number of thermocouples
to identify the highest temperature areas in the product requiring protection during fault conditions,
should be considered.
MICROTEMP
® Thermal Cutoffs:
TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com