Electronic Components Datasheet Search
  English  ▼

X  

GXAM06 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # GXAM06
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM06 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button GXAM06 Datasheet HTML 14Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 15Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 16Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 17Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 18Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 19Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 20Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 21Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
152
Agency Recognition
MICROTEMP
® thermal cutoffs are recognized by the following major agencies:
UL
BEAB
METI
CSA
VDE
Underwriters
British
Ministry of
Canadian
Varband
Laboratories Inc.
Electrotechnical
Economy, Trade
Standards Association
Deutscher
(USA)
Approvals Board
and Industry of
Electrotechniker e.V.
Japan
(F. R. G.)
MICROTEMP
® thermal cutoffs are recognized by the major approval agencies throughout the world
for AC circuit applications (they do not have recognition for DC circuit applications). These agency
electrical ratings can be used as a guideline when evaluating specific thermal cutoff applications.
However, the electrical and thermal conditions to which the thermal cutoff may be exposed in an
application may differ significantly from agency test conditions. Accordingly, customers should
not rely solely on agency ratings but rather must perform adequate testing on the particular
application to confirm that the TCO selected is appropriate for that application and will operate as
intended.
Important Notice
Users must determine the suitability of the control for their application, including the level of
reliability required, and are solely responsible for the function of the end-use product.
These controls contain exposed electrical components and are not intended to withstand
exposure to water or other environmental contaminants which can compromise insulating
components. Such exposure may result in insulation breakdown and accompanying localized
electrical heating.
A control may remain permanently closed or open as a result of exposure to excessive mechanical,
electrical, thermal or environmental conditions or at normal end-of-life. If failure of the control to
operate could result in personal injury or property damage, the user should incorporate supplemental
system control features to achieve the desired level of reliability and safety. For example, backup
controls have been incorporated in a number of applications for this reason.
PS
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com