Electronic Components Datasheet Search
  English  ▼

X  

GXAM06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GXAM06
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GXAM06 Datasheet HTML 1Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 2Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 3Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 4Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 5Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 6Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 7Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 8Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
137
MICROTEMP
® thermal cutoffs are available in a range of temperatures and electrical ratings to
meet application requirements (see figure 3). There are five primary types of thermal cutoffs
available. Standard dimensions of each TCO series are shown in figure 4.
G4 Series
Rated for continuous operating currents up to 10 amps @ 250VAC (15 amps @ 120VAC), the G4
series MICROTEMP
® TCO is the industry standard for over-temperature protection. The G4 series is
applied to millions of appliances and personal care products each year, providing reliable back-up
protection for temperature controlling thermostats and other over-temperature conditions. The
G4 series is also widely applied in office machines, portable heaters and industrial equipment as a
thermal safeguard.
G5 Series
Designed for higher current applications, the G5 series MICROTEMP
® TCO is rated for operating
currents up to 16 amps @ 250VAC (20 amps @ 250VAC and 25 amps @ 120VAC at UL/CSA).
Similar in appearance to the G4 series, the G5 series has a different internal construction designed
for interrupting higher currents.
G6 Series
The G6 series MICROTEMP
® TCO can be utilized in applications where a higher maximum-overshoot
temperature rating is not required, yet it is rated for operating currents up to 16 amps @ 250VAC.
It is the same physical size as the G4, G5 and G8 series TCOs.
G7 Series
The G7 series MICROTEMP
® TCO is designed to satisfy applications requiring miniaturized components
that do not need maximum current interrupt capability. The G7 is just 2/3 the size of the G4 and
G5, and with a current interrupting capability of 5 amps @ 250VAC, it is capable of meeting the
requirements of transformers, motors, battery packs and electronic circuit applications.
G8 Series
Designed for very high-current applications such as major appliances and high-wattage electric
heat packages, the G8 series MICROTEMP
® TCO is rated for operating currents up to 25 amps @
250VAC. More economical than electromechanical bimetal-type one shot devices, it can be
utilized in applications where its small size is an advantage in terms of mounting (it’s the same
physical size as the G4, G5 and G6 series TCOs) and thermal response.
MICROTEMP
® Thermal Cutoffs:
TYPES & SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com