| Electronic Components Datasheet Search |
|
GXAM06 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GXAM06 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 22 page ![]() 139 Packaged Thermal Cutoffs Therm-O-Disc also offers a variety of packaging options for MICROTEMP ® thermal cutoffs. Therm-O-Disc offers two standard packages with wide application in the HVAC industry. Primarily designed for heating applications, the GXAM04 and GXAM06 packages mount a standard G4 or G5 TCO in a high temperature ceramic base (see figure 5). The popular GXAP Potted TCO packages consist of a TCO epoxy-potted into a plastic insulating mounting case. The assembly can be supplied with various case materials, shapes and terminations. They can be used to accurately sense temperature as probes and as surface, airstream and ambient sensors (see figure 6). They can be easily replaced in the field without disturbing the rest of the circuit. Custom packages, insulations or special assemblies may be specified to meet specific unique application needs. By taking advantage of our technical expertise and high volume production methods and equipment, we can provide significant savings on custom packages. Packaged TCO Material Specifications Figure 5 Figure 6 GXAM04 GXAM06 GXAP04 GXAP02 GXAP12 GXAP05 GXAP08 Type Base Material Material Rating Maximum TCO Temperature °C Temperature °C GXAP01 Valox DR48 120 128 GXAP02 Ryton R-4 220 152 GXAP04 Valox DR48 120 128 GXAP05 Valox DR48 120 128 GXAP08 Ryton R-7 220 184 GXAP10 Ryton R-7 220 184 GXAP12 Valox DR48 120 128 GXAM04 Ceramic DIN VDE 0335, C 221 >250 240 GXAM06 Ceramic DIN VDE 0335, C 221 >250 240 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |