Electronic Components Datasheet Search
  English  ▼

X  

GXAM06 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # GXAM06
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM06 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button GXAM06 Datasheet HTML 14Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 15Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 16Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 17Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 18Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 19Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 20Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 21Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
150
Figure 14
Dimensions are shown in inches (millimeters).
Thermal Gradients
Ideal TCO placement subjects the entire TCO case, leads, epoxy seal and internal components to a
uniform temperature environment.
Care should be exercised in the placement of the TCO to minimize thermal gradients across the
TCO body. In certain applications, the TCO can be mounted in a position where heat is conducted
to the body of the TCO through one of the leads, resulting in thermal gradients across the TCO.
Over time, the TCO life can be reduced by thermal gradients if the isolated (epoxy) lead is at a
consistently lower temperature than the case lead. Long term testing is recommended in
determining whether these conditions exist in the application.
To minimize the effects of thermal gradients and the temperature increase of the TCO body from
this heat flow, attach the isolated (epoxy) lead, rather than the case lead, to the heat source.
TCO dummies can be supplied with thermocouples on both ends to facilitate gradient evaluations.
Temperature Limits
The temperatures experienced during normal operation, including expected temperature overshoots,
will determine the life expectancy of the TCO. Nuisance trips can result if the thermal cutoff rating
is too close to the temperatures experienced during normal operation. Thermal cutoffs of any
temperature rating should not be subjected to continuous normal temperatures in excess of
200°C. Additionally, overshoot temperatures after the opening of the thermal cutoff should be
minimized to avoid dielectric breakdown and reconduction of the thermal cutoff.
.09 MIN.
(2.3 mm)
.04 MIN. RAD.
(1.0 mm)
.70 MIN. (17.8 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com