Electronic Components Datasheet Search
  English  ▼

X  

GXAM06 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GXAM06
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM06 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GXAM06 Datasheet HTML 2Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 3Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 4Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 5Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 6Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 7Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 8Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 9Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
140
Lead Configurations
The MICROTEMP
® TCO can be furnished with virtually any lead configuration specified for an
application. Lead curls are available to match most sizes of screws along with varying lead lengths
and lead forms.
All types of terminations, such as quick connects, ring terminals and blade terminals, are available
at additional cost. In addition, tape and reel packaging can be specified to meet high volume
requirements.
Temperature Ratings
MICROTEMP
® thermal cutoffs are available in a wide range of opening temperatures, providing
designers a high degree of flexibility (see figure 3). Determining the correct TCO temperature
calibration requires significant application testing.
The proper calibration will be affected by application variables such as I
2R self heating of the TCO,
heat transfer through insulation and heat dissipation due to heat sinking and air flow.
Thermocoupled “dummy” TCOs, that match the physical and electrical characteristics of a
functional TCO, are available to help evaluate application specific variables.
For more information on testing and installing MICROTEMP
® TCOs, please review the
MICROTEMP
® thermal cutoff technical information section beginning on page 143.
Direct Current (DC) Applications
MICROTEMP
® thermal cutoffs do not have published electrical ratings for direct current (DC)
applications. Current interruption capacity in DC circuits is highly application sensitive.
Therm-O-Disc recommends thorough testing of DC electrical applications using the testing
guidelines in Therm-O-Disc’s MICROTEMP
® thermal cutoff technical information section.
Samples and Quotations
MICROTEMP
® TCO samples and thermocoupled “dummies” are readily available for determining
the correct response and desired performance in an application. For more information on
MICROTEMP
® TCOs, call a Therm-O-Disc sales engineer at 419-525-8300.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com