Electronic Components Datasheet Search
  English  ▼

X  

GXAM06 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GXAM06
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM06 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GXAM06 Datasheet HTML 8Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 9Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 10Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 11Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 12Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 13Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 14Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 15Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
145
Figure 9
Figure 9 illustrates a typical installation of a thermocoupled cutoff. Note that the body of the thermal
cutoff is at the same potential as the connecting circuit; therefore, it must be electrically isolated
from the surface against which the cutoff is mounted. Also note that the thermocouple wire is at
the same potential as the connecting circuit.
CAUTION . . . To avoid a false reading of the unit under test, thermocouple wires must not make
contact with each other except at the temperature sensing junction.
CAUTION . . . Ensure that the thermocouple wire insulation will provide isolation against short-
circuiting and shock hazards.
CAUTION . . . The terminal of the temperature measuring instrument, to which the thermocouple
is attached, will be at the same potential as the connecting circuit wire. This instrument must be
electrically isolated and considerable caution must be exercised in its use, since one of the
thermocouple terminals is frequently grounded to the instrument chassis.
Before using measuring equipment powered directly from standard line voltages, check operation
manuals. Be sure line voltages impressed on the thermocouple wires by the dummy cutoffs will
not cause damage to the instrument.
The more closely the actual operating and ambient conditions can be simulated during test, the
more valid the test results will be. These tests are necessary to empirically include the variable
factors that need to be considered to select the properly rated thermal cutoffs. These factors
include, but are not limited to, the heating effect of the current through the cutoff, adjoining
THERMAL CUTOFF "DUMMY"
TERMINAL OR SPLICE
ELECTRICAL INSULATOR
CONNECTNG CONDUIT WIRE
THERMOCOUPLE
TEMPERATURE OR VOLTAGE MEASURING DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com