Electronic Components Datasheet Search
  English  ▼

X  

AP386X Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP386X
Description  Superior Multi-touch Capacitive Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP386X Datasheet(HTML) 5 Page - Diodes Incorporated

  AP386X Datasheet HTML 1Page - Diodes Incorporated AP386X Datasheet HTML 2Page - Diodes Incorporated AP386X Datasheet HTML 3Page - Diodes Incorporated AP386X Datasheet HTML 4Page - Diodes Incorporated AP386X Datasheet HTML 5Page - Diodes Incorporated AP386X Datasheet HTML 6Page - Diodes Incorporated AP386X Datasheet HTML 7Page - Diodes Incorporated AP386X Datasheet HTML 8Page - Diodes Incorporated AP386X Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Datasheet
Superior Multi-touch Capacitive Touch Screen Controller
AP386X
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
5
Pin Description (Continued)
Pin Number
Pin
Name
Pin
Type
Pin Function
QFN-5×5
-40
AP3860
QFN-6×6
-48
AP3861
26
32
RSTN
I
Reset Low Active
Typically connect a resistor to VDD3V and a
capacitor to VSS. Low asserted and threshold at
0.5*VDD. When forced low, the chip enters into reset
condition. This pin should not be connected to any
level above VDD
27
33
WAKE/
GPIO0
I/O
Port 1.0 GPIO
8051 P1.0 GPIO. This pin can also be configured as
the wakeup pin from the host
28
34
INT/
GPIO1
I/O
Port 1.1 GPIO
8051 P1.1 GPIO. Open Drain output. This pin can
also be configured as the interrupt pin to notify the
host
29, 31 to 39
36 to 45
S0 to S9
I/O, A
Sensing Lines 0 to 9
These
pins
can
also
be
configured
as
I/O
bi-directional ports for test
-
46, 47
S10, S11
I/O, A
Sensing Lines 10 to 11
These
pins
can
also
be
configured
as
I/O
bi-directional ports for test
41
49
EP
Exposed Pad
“I/O” means input/output; “I” means input; “O” means Output; “P” means power; “A” means analog.
SCL and SDA Pin Description
Pull-up Enable
The pull-up enable for SCL and SDA is activated for AP386X, meaning that AP386X always has pull-up SCL
and SDA to VDD3V. During reset, SCL and SDA are as input pin. Moreover, if the pin connecting to the system
is floating, the internal pull-up will tie the pin to VDD3V (10k
). After AP386X is reset, SCL and SDA are
input until its corresponding register is configured.
Mode Selection
SCL and SDA can be used in I
2C and SPI mode. AP386X can enable I2C mode (SCL and SDA configured as
open drain pin) by register setting.
Wakeup
SCL and SDA can be used for wakeup input signals in different mode. While I
2C mode is enabled, a START
protocol (SDA is low and SCL is high) on SCL and SDA is a wakeup signal to AP386X. While SPI mode is
enabled, an active low on the pin of SCL (serving as a slave select in SPI) is a wakeup signal to AP386X.
Moreover, a wakeup signal can be asserted by host from GPIO0.
INT/GPIO1
GPIO1 can be configured as open-drain or push-pull mode. Furthermore, GPIO1 pin has internal pull-up to
VDD3V (60k
) or VDD18 (10k) based on different register definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com