Electronic Components Datasheet Search
  English  ▼

X  

AP386X Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP386X
Description  Superior Multi-touch Capacitive Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP386X Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP386X Datasheet HTML 3Page - Diodes Incorporated AP386X Datasheet HTML 4Page - Diodes Incorporated AP386X Datasheet HTML 5Page - Diodes Incorporated AP386X Datasheet HTML 6Page - Diodes Incorporated AP386X Datasheet HTML 7Page - Diodes Incorporated AP386X Datasheet HTML 8Page - Diodes Incorporated AP386X Datasheet HTML 9Page - Diodes Incorporated AP386X Datasheet HTML 10Page - Diodes Incorporated AP386X Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Datasheet
Superior Multi-touch Capacitive Touch Screen Controller
AP386X
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
G1: Green
Blank: Tray
TR: Tape & Reel
Ordering Information
AP386
-
Circuit Type
Package
Temperature Range
Part Number
Marking ID
Packing Type
QFN-5x5-40
-40 to 85°C
AP3860FNTR-G1
3860FN
Tape & Reel
QFN-6x6-48
AP3861FN-G1
3861FN
Tray
AP3861FNTR-G1
3861FN
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" in the part number, are RoHS compliant and
green.
AP386X Support 3” to 8” Touch Panel, Listed Below:
PN
TX/RX
Multi-touch
Package
Panel size
AP3860
17/10
10 points 100Hz
QFN-5x5-40
3” to 7”
AP3861
23/12
10 points 100Hz
QFN-6x6-48
4” to 8”
Package
FN: QFN-5×5-40
/QFN-6×6-48
0: AP3860
1: AP3861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com