Electronic Components Datasheet Search
  English  ▼

X  

AP386X Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP386X
Description  Superior Multi-touch Capacitive Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP386X Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP386X Datasheet HTML 6Page - Diodes Incorporated AP386X Datasheet HTML 7Page - Diodes Incorporated AP386X Datasheet HTML 8Page - Diodes Incorporated AP386X Datasheet HTML 9Page - Diodes Incorporated AP386X Datasheet HTML 10Page - Diodes Incorporated AP386X Datasheet HTML 11Page - Diodes Incorporated AP386X Datasheet HTML 12Page - Diodes Incorporated AP386X Datasheet HTML 13Page - Diodes Incorporated AP386X Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary Datasheet
Superior Multi-touch Capacitive Touch Screen Controller
AP386X
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
10
Electrical Characteristics (Continued)
DA/AC Characteristics for 8051 CPU Core, Digital GPIO Pins, Digital Peripherals
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
RSTN
Input
Voltage
Threshold
VRSTN_H
Low to high level
1.56
1.71
V
VRSTN_L
High to low level
1.16
1.30
Input High Voltage
VIH
0.7*VDD
VDD
V
Input Low Voltage
VIL
-0.3
0.5
V
Output High Voltage
VOH
VDD-0.6
V
Output Low Voltage
VOL
0.4
V
High Level Output Current
IOH
@VOH(Min)
1
mA
Low Level Output Current
IOL
@VOL(Max)
1
mA
Internal Pull-up Resistance
RPU
SCL, SDA, INT
10
k

Other Pins
34
74
Internal
Pull-down
Resistance
RPD
29
86
k
Output Rise Time
tRISE
CLOAD=20pF and
10% to 90%
5
ns
Output Fall Time
tFALL
CLOAD=20pF and
10% to 90%
5
ns
GPIO
Output
Operating
Frequency
CLOAD =20pF
0
5
MHz
SCK Frequency
fSCK
2
MHz
SCL Clock Frequency
fSCLI2C
0
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com