Electronic Components Datasheet Search
  English  ▼

X  

AP386X Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP386X
Description  Superior Multi-touch Capacitive Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP386X Datasheet(HTML) 1 Page - Diodes Incorporated

  AP386X Datasheet HTML 1Page - Diodes Incorporated AP386X Datasheet HTML 2Page - Diodes Incorporated AP386X Datasheet HTML 3Page - Diodes Incorporated AP386X Datasheet HTML 4Page - Diodes Incorporated AP386X Datasheet HTML 5Page - Diodes Incorporated AP386X Datasheet HTML 6Page - Diodes Incorporated AP386X Datasheet HTML 7Page - Diodes Incorporated AP386X Datasheet HTML 8Page - Diodes Incorporated AP386X Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Datasheet
Superior Multi-touch Capacitive Touch Screen Controller
AP386X
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AP386X is a low-cost high-resolution single chip
solution for APA (All point addressable) capacitive
touch screen. It is an 8-bit single cycle 8051
microcontroller with ICP Interface. The chip includes
12-bit successive approximation analog-to-digital
converters
with
an
I
2C
interface
and
multiplexer-switcher
circuits
for
flexible
measurement of analog signal from APA panel. An
accurate switched-capacitor integrator is built-in and
it can auto calibrate the pixel parameters for a wide
range of capacitance on the touch screen (1pF to
32pF).
This touch screen controller (TSC) with
CMOS integration circuit provides an ideal choice for
APA touch panel. The AP386X is specified over the
temperature range of -40°C to 85°C.
The AP386X is available in QFN-5×5-40 (for
AP3860) and QFN-6×6-48 (for AP3861) packages.
Features
•
Mutual Capacitive Touch Sensing
•
Single Power Supply: 2.8V to 3.6V Operation
Voltage; LDO inside to Support 1.6V to 2.0V
Operation Voltage
•
Up to 17/23 Drive Lines and 10/12 Sense Lines
•
Charge Pump Support up to 6V, Doubling SNR
•
Internal Two-wire Serial Control Bus I
2C
•
Single-end Integrator with Programmable Gain
Control
•
Multiplexed Analog Digitization with 12-bit
Resolution Scan SAR ADCs and Its Dedicated
2X to 8X Accumulator XSRAM Buffers
Features (Continued)
•
Single Cycle 8051 CPU Core, Maximum Opera-
ting Clock up to 28MHz from IOSC (Zero Wait
State)
4 to 28MHz Internal Oscillator (IOSC)
32k-byte Flash ROM
6k-byte Internal SRAM
Two 16-bit Timers T0/T1
Configurable I
2C Slave Controller and SPI Slave
Controller Shared with the Same Ports
With Asynchronous I
2C Slave Address
Detection Logic Design
4 General Purpose GPIO Pins
One External Interrupt Pin
•
ISP/IAP via I²C Port
•
Operation Temperature Range: -40°C to 85°C
•
Package Type Alternatives: QFN-5×5-40 and
QFN-6×6-48
•
RoHS Compliance
•
Operating Mode:
Mode
Description
Power-down
No scan with power-down mode
Idle
While only 8051 CPU core is idle,
all peripherals remain active
Standard
Higher scan rate when fingers are
on panel, IOSC can up to 4MHz
to 28MHz
Applications
•
Mobile Phones
•
Personal Digital Assistants
•
Smart Hand-held or Gaming Devices
Figure 1. Package Types of AP386X
QFN-5×5-40
QFN-6×6-48


Similar Part No. - AP386X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP380-18W5-13 DIODES-AP380-18W5-13 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP380-18W5-7 DIODES-AP380-18W5-7 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP380-18WR-13 DIODES-AP380-18WR-13 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP380-18WR-7 DIODES-AP380-18WR-7 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP380-18Y-13 DIODES-AP380-18Y-13 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
More results

Similar Description - AP386X

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Texas Instruments
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519 BCDSEMI-CS5519 Datasheet
372Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com