Electronic Components Datasheet Search
  English  ▼

X  

AP386X Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP386X
Description  Superior Multi-touch Capacitive Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP386X Datasheet(HTML) 4 Page - Diodes Incorporated

  AP386X Datasheet HTML 1Page - Diodes Incorporated AP386X Datasheet HTML 2Page - Diodes Incorporated AP386X Datasheet HTML 3Page - Diodes Incorporated AP386X Datasheet HTML 4Page - Diodes Incorporated AP386X Datasheet HTML 5Page - Diodes Incorporated AP386X Datasheet HTML 6Page - Diodes Incorporated AP386X Datasheet HTML 7Page - Diodes Incorporated AP386X Datasheet HTML 8Page - Diodes Incorporated AP386X Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary Datasheet
Superior Multi-touch Capacitive Touch Screen Controller
AP386X
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
4
Pin Description
Pin Number
Pin
Name
Pin
Type
Pin Function
QFN-5×5
-40
AP3860
QFN-6×6
-48
AP3861
40, 1 to 16
6 to 22
D16 to
D0
I/O, A
Driving Lines 16 to 0
These
pins
can
also
be
configured
as
I/O
bi-directional ports for test
-
48, 1 to 5
D22 to
D17
I/O, A
Driving Lines 22 to 17
These
pins
can
also
be
configured
as
I/O
bi-directional ports for test
17
23
VDDHV
O
High Voltage. 6V
Charge pump high Voltage. This output pin can be
configured as VDD3V or 6V accordingly
18, 30
24, 35
VDD3V
P
Supply Voltage. 2.8V to 3.6V
A good decoupling capacitor between VDD3V and
VSS pins is critical for good performance
19
25
VSS
P
Ground Voltage. 0V
20
26
VDD18
O
Internal Regulator Output. 1.6V to 2.0V
Typical decoupling capacitors of 0.1
F and 10F
should be connected between VDD18 and VSS
21
27
TESTEN
I
Test Mode Enable High Active
This pin has an internal weakly pull low resistor
connected. If it is connected high, the chip enters into
Test Mode condition
22
28
SS/SCL
I/O
SS/SCL
This pin can be configured as the SCL signal of the
I
2C master or I2C slave controller. When I2C is
enabled, the pin is configured as an open-collector.
While in SPI mode, this pin is configured as the
slave chip select pin
23
29
SCK/
GPIO3
I/O
Port 1.3 GPIO
8051 P1.3 GPIO. This pin can also be configured as
the serial clock from SPI master while SPI interface
is activated
24
30
MOSI/
SDA
I/O
SDA
This pin can be configured as the SDA signal of the
I
2C master or I2C slave controller. In this operation
mode, this pin should also be configured as
open-collector. While SPI interface is selected, the
pin serves as the data port from SPI master to SPI
slave
25
31
MISO/
GPIO2
I/O
Port 1.2 GPIO
8051 P1.2 GPIO. This pin can also be configured as
the output data pin from slave to master for SPI
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com