Electronic Components Datasheet Search
  English  ▼

X  

AP386X Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP386X
Description  Superior Multi-touch Capacitive Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP386X Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP386X Datasheet HTML 5Page - Diodes Incorporated AP386X Datasheet HTML 6Page - Diodes Incorporated AP386X Datasheet HTML 7Page - Diodes Incorporated AP386X Datasheet HTML 8Page - Diodes Incorporated AP386X Datasheet HTML 9Page - Diodes Incorporated AP386X Datasheet HTML 10Page - Diodes Incorporated AP386X Datasheet HTML 11Page - Diodes Incorporated AP386X Datasheet HTML 12Page - Diodes Incorporated AP386X Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Datasheet
Superior Multi-touch Capacitive Touch Screen Controller
AP386X
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
9
Electrical Characteristics
TA=25°C, VDD=2.8V to 3.6V, I
2C bus frequency=400kHz, 12-bit mode, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
Standard mode fOSC=4 to
28MHz
Power-down mode
Idle mode
5
60
1
mA
A
A
VDD18 Output Voltage
VDD18
1.6
1.8
2.0
V
Charge Pump Voltage
VDDHV
Charge pump enable
5.8
6
6.3
V
Internal
Operating
Frequency
fOSC
4
28
MHz
DA/AC Characteristics for AFE
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ADC DC Accuracy
Resolution
12
Bits
No Missing Codes
Standard modes
11
12
Bits
Integral Linearity Error
INL
Standard modes
±3
LSB
Differential
Linearity
Error
Offset Error
Gain Error
DNL
±1.5
±6
±4
LSB
LSB
LSB
Analog Input
Full-scale Input Span
0
VDD
V
ADC Sampling Dynamics
Throughput Rate
500
ksps
Switched-capacitor Integrator
Output Voltage Range
0.3
VDD-0.3
V
Integrator Capacitor
CINT
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com