Electronic Components Datasheet Search
  English  ▼

X  

AP386X Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP386X
Description  Superior Multi-touch Capacitive Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP386X Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP386X Datasheet HTML 4Page - Diodes Incorporated AP386X Datasheet HTML 5Page - Diodes Incorporated AP386X Datasheet HTML 6Page - Diodes Incorporated AP386X Datasheet HTML 7Page - Diodes Incorporated AP386X Datasheet HTML 8Page - Diodes Incorporated AP386X Datasheet HTML 9Page - Diodes Incorporated AP386X Datasheet HTML 10Page - Diodes Incorporated AP386X Datasheet HTML 11Page - Diodes Incorporated AP386X Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Preliminary Datasheet
Superior Multi-touch Capacitive Touch Screen Controller
AP386X
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
8
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage (Pin VDD3V)
VDD
0 to 4
V
Analog Input Voltage (Other pins)
-0.3 to VDD+0.3
V
Logic Input Voltage
-0.3 to VDD+0.3
V
Thermal
Resistance
(Simulation,
Junction to Ambient)
JA
TBD
°C/W
Maximum Junction Temperature
TJ
100
°C
Operating Temperature
TOP
-40 to 85
°C
Storage Temperature
TSTG
-65 to 150
°C
ESD (Human Body Model)
ESD HBM
8000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Pin VDD3V)
VDD
2.8
3.6
V
Operating Ambient Temperature
TA
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com