Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6629 Datasheet HTML 1Page - Texas Instruments LMH6629 Datasheet HTML 2Page - Texas Instruments LMH6629 Datasheet HTML 3Page - Texas Instruments LMH6629 Datasheet HTML 4Page - Texas Instruments LMH6629 Datasheet HTML 5Page - Texas Instruments LMH6629 Datasheet HTML 6Page - Texas Instruments LMH6629 Datasheet HTML 7Page - Texas Instruments LMH6629 Datasheet HTML 8Page - Texas Instruments LMH6629 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
6
7
8
5
3
2
1
4
OUT
COMP
PD
IN+
IN-
V
-
V
+
FB
V
-
DAP
OUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
RF
1.2k
RL
500
+5VDC
D1
+5VDC
CD = 10 pF
+5VDC
R2
2k
C1
0.1 PF
R1
3k
LMH
6629
ID
CF
0.6 pF
(1.2 pF (2) series)
Vout = 3VDC - 1200 x ID
LMH6629
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
www.ti.com
Typical Application Circuit
Figure 1. Transimpedance Amplifier
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagram
Figure 2. WSON-8 (Top View)
Figure 3. SOT-23-5 (Top View)
See Package Number NGQ0008A
See Package Number DBV
2
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com