Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6629 Datasheet HTML 8Page - Texas Instruments LMH6629 Datasheet HTML 9Page - Texas Instruments LMH6629 Datasheet HTML 10Page - Texas Instruments LMH6629 Datasheet HTML 11Page - Texas Instruments LMH6629 Datasheet HTML 12Page - Texas Instruments LMH6629 Datasheet HTML 13Page - Texas Instruments LMH6629 Datasheet HTML 14Page - Texas Instruments LMH6629 Datasheet HTML 15Page - Texas Instruments LMH6629 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
0.1
100
f (MHz)
20
10
1
30
40
50
70
60
80
90
+PSRR
-PSRR
0.1
1
10
100
1,000
10,000
f (kHz)
12
10
8
6
4
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Vo (Vpp Composite)
-30
-40
-50
-60
-70
-80
25 MHz
75 MHz
0.1
1
10
100
1,000
10,000
f (kHz)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0
10
20
30
40
50
f (MHz)
-40
-50
-60
-70
-80
-90
-100
HD2
HD3
Vo = 2Vpp
0
10
20
30
40
50
f (MHz)
-40
-50
-60
-70
-80
-90
-100
HD2
HD3
Vo = 2Vpp
LMH6629
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = ±2.5V, Rf = 240Ω, RL = 100Ω, VO = 2VPP, COMP pin = HI, AV = +10 V/V, WSON-8 and SOT-
23-5 packages (unless specifically noted).
Distortion
Distortion
vs.
vs.
Frequency,
Frequency,
WSON-8 Package
SOT-23-5 Package
Figure 28.
Figure 29.
3rd Order Intermodulation Distortion
Input Noise Voltage
vs.
vs.
Output Voltage
Frequency
Figure 30.
Figure 31.
Input Noise Current
PSRR
vs.
vs.
Frequency
Frequency
Figure 32.
Figure 33.
12
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com