Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6629 Datasheet HTML 3Page - Texas Instruments LMH6629 Datasheet HTML 4Page - Texas Instruments LMH6629 Datasheet HTML 5Page - Texas Instruments LMH6629 Datasheet HTML 6Page - Texas Instruments LMH6629 Datasheet HTML 7Page - Texas Instruments LMH6629 Datasheet HTML 8Page - Texas Instruments LMH6629 Datasheet HTML 9Page - Texas Instruments LMH6629 Datasheet HTML 10Page - Texas Instruments LMH6629 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LMH6629
www.ti.com
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
3.3V Electrical Characteristics (continued)
The following specifications apply for single supply with VS = 3.3V, RL = 100Ω terminated to 1.65V, gain = 10V/V, VO = 1VPP,
VCM = VS/2, COMP Pin = HI (WSON-8 package), unless otherwise noted. Boldface limits apply at the temperature extremes.
(1)
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
ANALOG I/O
CMRR > 70 dB, WSON-8 package
−0.30
2.1
CMVR
Input voltage range
V
−0.30 to
CMRR > 70 dB, SOT-23-5 package
2.1
0.90
0.79 to
2.4
RL = 100Ω to VS/2
0.95
2.50
2.3
VO
Output voltage range
V
0.76
0.70 to
2.5
No load
0.80
2.60
2.4
IOUT
Linear output current
VO = 1.65V
(3)
230
mA
±680
VOS
Input Offset Voltage
±150
µV
±700
Input offset voltage
TcVOS
(4)
±1
μV/°C
temperature drift
−23
IBI
Input Bias Current
(5)
−15
μA
−35
±1.8
IOS
Input Offset Current
±0.13
μA
±3.0
Input offset voltage
TCIOS
(4)
±3.2
nA/°C
temperature drift
CCM
Input Capacitance
Common Mode
1.7
pF
RCM
Input Resistance
Common Mode
1
M
Ω
MISCELLANEOUS PARAMETERS
VCM from 0V to 2.0V, WSON-8
84
87
package
81
Common Mode Rejection
CMRR
Ratio
VCM from 0V to 2.0V, SOT-23-5
87
package
82
dB
PSRR
Power supply rejection ratio
84
79
78
WSON-8 package
79
73
AVOL
Open Loop Gain
SOT-23-5 package
79
DIGITAL INPUTS/TIMING
VIL
Logic low-voltage threshold
0.8
PD and COMP pins, WSON-8
V
package
VIH
Logic high-voltage threshold
2.0
PD and COMP pins = 0.8V, WSON-8
-17
−28
IIL
Logic low-bias current
−23
package (5)
−14
−32
µA
PD and COMP pins = 2.0V, WSON-8
−16
−27
IIH
Logic high-bias current
−22
package (5)
−13
−31
Ten
Enable time
WSON-8 package
75
ns
Tdis
Disable time
WSON-8 package
80
POWER REQUIREMENTS
No Load, Normal Operation (PD Pin =
14.9
13.7
HI or open for WSON-8 package)
16.0
IS
Supply Current
mA
No Load, Shutdown (PD Pin = LO for
1.4
0.89
WSON-8 package)
1.5
(3)
The maximum continuous output current (IOUT) is determined by device power dissipation limitations. Continuous short circuit operation
at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150°C
(4)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(5)
Negative input current implies current flowing out of the device.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com