Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 4 Page - Texas Instruments

  LMH6629 Datasheet HTML 1Page - Texas Instruments LMH6629 Datasheet HTML 2Page - Texas Instruments LMH6629 Datasheet HTML 3Page - Texas Instruments LMH6629 Datasheet HTML 4Page - Texas Instruments LMH6629 Datasheet HTML 5Page - Texas Instruments LMH6629 Datasheet HTML 6Page - Texas Instruments LMH6629 Datasheet HTML 7Page - Texas Instruments LMH6629 Datasheet HTML 8Page - Texas Instruments LMH6629 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LMH6629
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
www.ti.com
5V Electrical Characteristics
The following specifications apply for single supply with VS = 5V, RL = 100Ω terminated to 2.5V, gain = 10V/V, VO = 2VPP, VCM
= VS/2, COMP Pin = HI (WSON-8 package), unless otherwise noted. Boldface limits apply at the temperature extremes.
(1).
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
DYNAMIC PERFORMANCE
VO = 200 mVPP, WSON-8 package
900
Small signal
−3dB
VO = 200 mVPP, SOT-23-5 package
1000
SSBW
MHz
bandwidth
AV= 4, VO = 200 mVPP,
800
COMP Pin = LO
VO = 2VPP
380
Large signal
−3dB
LSBW
MHz
bandwidth
COMP Pin = LO, AV= 4, VO = 2VPP
190
AV= 10, VO = 200 mVPP,
330
WSON-8 package
AV= 10, VO = 200 mVPP,
0.1 dB bandwidth
190
MHz
SOT-23-5 package
AV= 4, VO = 200 mVPP,
95
COMP Pin = LO
VO = 200 mVPP,
0
WSON-8 package
Peaking
dB
VO = 200 mVPP,
2
SOT-23-5 package
AV= 10, 2V step
1600
SR
Slew rate
V/
μs
AV= 4, 2V step,
530
COMP Pin = LO
AV= 10, 2V step, 10% to 90%,
0.90
WSON-8 package
AV= 10, 2V step, 10% to 90%, SOT-23-5
tr/ tf
Rise/fall time
0.95
package
ns
AV= 4, 2V step, 10% to 90%,
2.8
COMP Pin = LO, (Slew Rate Limited)
Ts
Settling time
AV= 10, 1V step, ±0.1%
42
Overload Recovery
VIN = 1VPP
2
NOISE AND DISTORTION
fc = 1MHz, VO = 2VPP
−90
COMP Pin = LO, AV= 4, fc = 1 MHz, VO =
−88
2VPP
HD2
2nd order distortion
dBc
fc = 10 MHz, VO = 2VPP
−70
COMP Pin = LO, fc = 10 MHz,
−65
AV= 4V, VO = 2VPP
fc = 1MHz, VO = 2VPP
−94
COMP Pin = LO, AV= 4, fc = 1MHz, VO =
−87
2VPP
HD3
3rd order distortion
dBc
fc = 10 MHz, VO = 2VPP
−82
COMP Pin = LO, fc = 10 MHz,
−75
VO = 2VPP
fc = 25 MHz, VO = 2 VPP composite
31
Two-tone 3rd order
OIP3
dBm
intercept point
fc = 75 MHz, VO = 2VPP composite
27
en
Noise Voltage
0.69
nV/
√Hz
Input referred f > 1MHz
in
Noise current
2.6
pA/
√Hz
NF
Noise Figure
RS = RT = 50Ω
8.0
dB
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Negative input current implies current flowing out of the device.
4
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com