Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6629 Datasheet HTML 1Page - Texas Instruments LMH6629 Datasheet HTML 2Page - Texas Instruments LMH6629 Datasheet HTML 3Page - Texas Instruments LMH6629 Datasheet HTML 4Page - Texas Instruments LMH6629 Datasheet HTML 5Page - Texas Instruments LMH6629 Datasheet HTML 6Page - Texas Instruments LMH6629 Datasheet HTML 7Page - Texas Instruments LMH6629 Datasheet HTML 8Page - Texas Instruments LMH6629 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LMH6629
www.ti.com
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
Absolute Maximum Ratings
(1) (2) (3)
ESD Tolerance (4)
Human Body Model
2kV
Machine Model
200V
Charge-Device Model
750V
Positive Supply Voltage
−0.5 to 6.0V
Differential Input Voltage
3V
Analog Input Voltage Range
−0.5 to VS
Digital Input Voltage
−0.5 to VS
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
http://www.ti.com/lit/SNOA549
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Human Body Model, applicable std. JESD22-A114C. Machine Model, applicable std. JESD22-A115-A. Field Induced Charge Device
Model, applicable std. JESD22-C101-C.
Operating Ratings
(1)
Supply Voltage (V+ - V−)
2.7V to 5.5V
Operating Temperature Range
−40°C to +125°C
Package
(
θJA)
WSON-8
71°C/W
SOT-23-5
179°C/W
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com