Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6629 Datasheet HTML 5Page - Texas Instruments LMH6629 Datasheet HTML 6Page - Texas Instruments LMH6629 Datasheet HTML 7Page - Texas Instruments LMH6629 Datasheet HTML 8Page - Texas Instruments LMH6629 Datasheet HTML 9Page - Texas Instruments LMH6629 Datasheet HTML 10Page - Texas Instruments LMH6629 Datasheet HTML 11Page - Texas Instruments LMH6629 Datasheet HTML 12Page - Texas Instruments LMH6629 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
0.1
1
10
100
1,000
f (MHz)
4
2
0
-2
-4
-6
-8
-10
-12
Vo = 80 mVpp
Av = 4V/V
Vo = 0.8Vpp
COMP Pin = LO
0.1
1
10
100
1,000
f (MHz)
4
2
0
-2
-4
-6
-8
-10
-12
Vo = 80 mVpp
Av =4V/V
Vo=0.8Vpp
COMP Pin = LO
Vs = +/-1.5V
100k
1M
10M
100M
1G
f (Hz)
1
0
-1
-2
-3
-4
-5
Vo = 0.2Vpp
Av = 10V/V
Vo = 1Vpp
Vs = +/-1.5V
Vo=0.2Vpp
Vo=1Vpp
Av=10 V/V
Vs= +/-1.5V
SOT23-5
f (Hz)
100k
-5
1M
10M
100M
1G
10G
-4
-3
-2
-1
0
1
2
100k
1M
10M
100M
1G
f (Hz)
1
0
-1
-2
-3
-4
-5
Vo = 0.2Vpp
Av = 10V/V
Vo = 2Vpp
100k
1M
10M
100M
1G
10G
2
1
0
-1
-2
-3
-4
-5
Vo=0.2 Vpp
Av=10 V/V
SOT23-5
Vo=2 Vpp
f (Hz)
LMH6629
www.ti.com
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = ±2.5V, Rf = 240Ω, RL = 100Ω, VO = 2VPP, COMP pin = HI, AV = +10 V/V, WSON-8 and SOT-
23-5 packages (unless specifically noted).
Non-Inverting Frequency Response
Non-Inverting Frequency Response
with Varying VO, WSON-8 Package
with Varying VO, SOT-23-5 Package
Figure 10.
Figure 11.
Non-Inverting Frequency Response
Non-Inverting Frequency Response
with Varying VO, WSON-8 Package
with Varying VO, SOT-23-5 Package
Figure 12.
Figure 13.
Non-Inverting Frequency Response
Non-Inverting Frequency Response
with Varying VO, WSON-8 Package
with Varying VO, WSON-8 Package
Figure 14.
Figure 15.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com