Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMH6629 Datasheet HTML 24Page - Texas Instruments LMH6629 Datasheet HTML 25Page - Texas Instruments LMH6629 Datasheet HTML 26Page - Texas Instruments LMH6629 Datasheet HTML 27Page - Texas Instruments LMH6629 Datasheet HTML 28Page - Texas Instruments LMH6629 Datasheet HTML 29Page - Texas Instruments LMH6629 Datasheet HTML 30Page - Texas Instruments LMH6629 Datasheet HTML 31Page - Texas Instruments LMH6629 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
VIN
470, KRg
200, Rin
47, Rg
A1
LMH6629
0.417V
Vset
RO
RO
CO
Vin-
Vin+
VREF
470, KRg
1k, Rf
ADC
2.5V
GND
3Vpp
2.5V
2.5V
3Vpp
2.32k
1%
R1
464
1%
R2
600 mVpp
5V
5V
Rin
K
200
1k
Let R
,
10
f
:
=
o
:
=
=
V
V
CM
o
;
5
.
2
_
=
V
set =
V
417
.
0
=
V
5
.
2
2 x
2
10 +
Vpp
V
diff
o
;
6
_
=
mVpp
V
in
600
=
:
Example
K =
V diff
_
o
V
in
=
K
2R
f
R
in
:
s
Expression
Governing
=
V
set
V
2
CM
_
o
2
K +
A2
LMH6629
LMH6629
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
www.ti.com
single-ended (SE) to Differential converter / driver for such an application is challenging, especially when there is
some gain required. In addition, the input driver’s linearity (harmonic distortion) must also be high enough such
that the spurs that get through to the ADC input are below the ADC’s LSB threshold or -73 dBc (= 20*log (1/ 212))
or lower in this case. Therefore, it is essential to use a low-noise / low-distortion device to drive a high resolution
ADC in order to minimize the impact on the quantization noise and to make sure that the driver’s distortion does
not dominate the acquired data.
Figure 71 shows a ground referenced bipolar input (symmetrical swing around 0V) SE to differential converter
used to drive a high resolution ADC. The combination of LMH6629’s low noise and the converter architecture
reduces the impact on the ADC noise.
Figure 71. Low-Noise Single-Ended (SE) to Differential Converter
In this circuit, the required gain dictates the resistor ratio “K”. With “K” and the driver output CM voltage (VO_CM)
known, VSET can be established. Reasonable values for Rf and Rg can be set to complete the design.
In terms of output swing, with the LMH6629 output swing capability which requires ~0.85V of headroom from
either rail, the maximum total output swing into the ADC is limited to 6.6 VPP (=(5 – 2 x 0.85V) x 2); that is true
with VO_CM set to mid-rail between V
+ and V-. It should also be noted that the LMH6629’s input CMVR range
includes the lower rail (V-) and that is the reason there is great flexibility in setting Vo_CM by controlling VSET.
Another feature is that A1 and A2 inputs act like “virtual grounds” and thus do not see any signal swing. Note that
due to the converter’s biasing, the source, VIN, needs to sink a current equal to VSET / RIN.
The converter example shown in Figure 71 operates with a noise gain of 6 (=1+ K / 2) and thus requires that the
COMP pin to be tied low (WSON-8 package only). The 1st order approximated small signal bandwidth will be 280
MHz (=1.7 GHz / 6V/V) which is computed using 1.7GHz as the GBWP with COMP pin LO.
From a noise point of view, concentrating only on the dominant noise sources involved, here is the expression for
the expected differential noise density at the input of the ADC:
28
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com