Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH7322
Description  Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH7322 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH7322 Datasheet HTML 17Page - Texas Instruments LMH7322 Datasheet HTML 18Page - Texas Instruments LMH7322 Datasheet HTML 19Page - Texas Instruments LMH7322 Datasheet HTML 20Page - Texas Instruments LMH7322 Datasheet HTML 21Page - Texas Instruments LMH7322 Datasheet HTML 22Page - Texas Instruments LMH7322 Datasheet HTML 23Page - Texas Instruments LMH7322 Datasheet HTML 24Page - Texas Instruments LMH7322 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
time
Dispersion
Common Mode Dispersion
Vin cm
Vin cm
0
-
+
0
-
+
time
LMH7322
www.ti.com
SNOSAU8H – MARCH 2007 – REVISED MAY 2011
Figure 30. Common Mode Dispersion
All of the dispersion effects described previously influence the propagation delay. In practice the dispersion is
often caused by a combination of more than one varied parameter.
Hysteresis & Oscillations
In contrast to an op amp, the output of a comparator has only two defined states ‘0’ or ‘1.’ Due to finite
comparator gain however, there will be a small band of input differential voltage where the output is in an
undefined state. An input signal with fast slopes will pass this band very quickly without problems. During slow
slopes however, passing the band of uncertainty can take a relatively long time. This enables the comparators
output to switch back and forth several times between ‘0’ and ‘1’ on a single slope. The comparator will switch on
its input noise, ground bounce (possible oscillations), ringing etc. Noise in the input signal will also contribute to
these undesired switching actions. The next sections explain these phenomena in situations where no hysteresis
is applied, and discuss the possible improvement hysteresis can give.
Using No Hysteresis
Figure 31 shows what happens when the input signal rises from just under the threshold VREF to a level just
above it. From the moment the input reaches the lowest dotted line around VREF at t=0, the output toggles on
noise etc. Toggling ends when the input signal leaves the undefined area at t=1. In this example the output was
fast enough to toggle three times. Due to this behavior digital circuitry connected to the output will count a wrong
number of pulses. One way to prevent this is to choose a very slow comparator with an output that is not able to
switch more than once between ‘0’ and ‘1’ during the time the input state is undefined.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com