Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH7322
Description  Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH7322 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH7322 Datasheet HTML 5Page - Texas Instruments LMH7322 Datasheet HTML 6Page - Texas Instruments LMH7322 Datasheet HTML 7Page - Texas Instruments LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments LMH7322 Datasheet HTML 10Page - Texas Instruments LMH7322 Datasheet HTML 11Page - Texas Instruments LMH7322 Datasheet HTML 12Page - Texas Instruments LMH7322 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0
1
2
3
4
5
6
7
TIME (ns)
-500
-400
-300
-200
-100
0
100
200
300
400
OUTPUT
140 MHz
OUTPUT
MAX TR
-2.0 -1.5 -1.0 -0.5 0.0
0.5
1.0
1.5
2.0
DIFFERENTIAL INPUT VOLTAGE (V)
-15
-10
-5
0
5
10
VCM = 2.5V
VS = 5V
VIN+ = 1.5 to 3.5V
VIN- = 3.5 to 1.5V
IIN-
IIN+
IIN+
IIN-
2
4
6
8
10
12
SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
70
80
VOVERDRIVE = 100 mV
0 < VCM < VCCI ± 1.5
-40
TEMPERATURE (°C)
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
120
100
80
60
40
20
0
-20
2.7V
5V
12V
VCM = 300 mV
VIN_DIFF = 0 mV
IBIAS = (IIN+ + IIN-)/2
2
3
4
5
6
7
8
9
10 11 12
SUPPLY VOLTAGE (V)
25
30
35
40
45
50
55
60
65
70
75
OVERDRIVE 100 mV
VCM = 300 mV
SR = 0.1 ± 1 V/Ps
2
3
4
5
6
7
8
9
10 11 12
-10
0
10
20
30
40
60
70
90
100
110
SUPPLY VOLTAGE (V)
80
50
VCM = 0.3V
VIN_DIFF = VCM - 100 mV
to VCM + VOVERDIVE
VOD = 20 mV - 100 mV
VOD = 50 mV - 1V
VOD = 100 mV - 1V
LMH7322
www.ti.com
SNOSAU8H – MARCH 2007 – REVISED MAY 2011
Typical Performance Characteristics (continued)
At TJ = 25°C; VCCI = +5V; VCCO = +3.3V; VEE = −5V; unless otherwise specified.
TPD Dispersion vs. Supply Voltage
Slew Rate Dispersion vs. Voltage Supply
Figure 9.
Figure 10.
Common Mode Dispersion vs. Supply Voltage
Bias Current vs. Temperature
Figure 11.
Figure 12.
Input Current vs. Differential Input Voltage
Maximum Toggle Rate
Figure 13.
Figure 14.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com