Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH7322
Description  Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH7322 Datasheet(HTML) 1 Page - Texas Instruments

  LMH7322 Datasheet HTML 1Page - Texas Instruments LMH7322 Datasheet HTML 2Page - Texas Instruments LMH7322 Datasheet HTML 3Page - Texas Instruments LMH7322 Datasheet HTML 4Page - Texas Instruments LMH7322 Datasheet HTML 5Page - Texas Instruments LMH7322 Datasheet HTML 6Page - Texas Instruments LMH7322 Datasheet HTML 7Page - Texas Instruments LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Coupled
transmission line
ECL driver
Line Termination
IN+
IN-
RHYS
Q
1/2
LMH 7322
Q
10k
RS-PECL
VOH = 3.9V
VOL = 3.5V
LE levels referred to VCCO
5V
-5.2V
+
+
VT
RT
RT
OUTPUT
VT = VCCO-2V
or
VT = VEE
LMH7322
www.ti.com
SNOSAU8H – MARCH 2007 – REVISED MAY 2011
LMH7322 Dual 700 ps High Speed Comparator with RSPECL Outputs
Check for Samples: LMH7322
1
FEATURES
DESCRIPTION
The LMH7322 is a dual comparator with 700 ps
2
•
(VCCI = +5V, VCCO = +5V)
propagation delay, low dispersion of 75 ps and an
•
Propagation Delay 700 ps
input voltage range that extends from VCC-1.5V to
•
Overdrive Dispersion 20 mV-1V 75 ps
VEE. The devices can be operated from a wide supply
voltage range of 2.7V to 12V. The adjustable
•
Fast Rise and Fall Times 160 ps
hysteresis adds flexibility and prevents oscillations.
•
Wide Supply Range 2.7V to 12V
Both the outputs and latch inputs of the LMH7322 are
•
Input Common Mode Range Extends 200 mV
RSPECL compatible. When used in combination with
Below Negative Rail
a VCCO supply voltage of 2.5V the outputs have LVDS
compatible levels.
•
Adjustable Hysteresis
•
(RS)PECL Outputs (see Application
The LMH7322 is available in a 24-pin WQFN
package.
Information)
•
(RS)PECL Latch Inputs (see Application
Information)
APPLICATIONS
•
Digital Receivers
•
High-Speed Signal Restoration
•
Zero-Crossing Detectors
•
High-Speed Sampling
•
Window Comparators
•
High-Speed Signal Triggering
Typical Application
Figure 1. (RS)ECL to RSPECL Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH7322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7322 NSC-LMH7322 Datasheet
574Kb / 24P
Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 NSC-LMH7322 Datasheet
577Kb / 24P
Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7322 TI1-LMH7322 Datasheet
954Kb / 33P
Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 TI2-LMH7322 Datasheet
748Kb / 35P
LMH7322 Dual 700 ps High Speed Comparator with RSPECL Outputs
REVISED MARCH 2013
LMH7322-S TI1-LMH7322-S Datasheet
954Kb / 33P
Dual 700 ps High Speed Comparator with RSPECL Outputs
More results

Similar Description - LMH7322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7324 NSC-LMH7324 Datasheet
489Kb / 20P
Quad 700 PS High Speed Comparator with RSPECL Outputs
LMH7324_0710 NSC-LMH7324_0710 Datasheet
489Kb / 20P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 NSC-LMH7322_08 Datasheet
574Kb / 24P
Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 NSC-LMH7324_08 Datasheet
491Kb / 20P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7322_0811 NSC-LMH7322_0811 Datasheet
577Kb / 24P
Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7324 TI1-LMH7324_14 Datasheet
1,023Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 TI1-LMH7324 Datasheet
979Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 TI1-LMH7322 Datasheet
954Kb / 33P
Dual 700 ps High Speed Comparator with RSPECL Outputs
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com